Electronic Components Datasheet Search
  English  ▼

X  

IR3535 Datasheet(PDF) 13 Page - International Rectifier

Part # IR3535
Description  Single reference based current reporting output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3535 Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3535 Datasheet HTML 9Page - International Rectifier IR3535 Datasheet HTML 10Page - International Rectifier IR3535 Datasheet HTML 11Page - International Rectifier IR3535 Datasheet HTML 12Page - International Rectifier IR3535 Datasheet HTML 13Page - International Rectifier IR3535 Datasheet HTML 14Page - International Rectifier IR3535 Datasheet HTML 15Page - International Rectifier IR3535 Datasheet HTML 16Page - International Rectifier IR3535 Datasheet HTML 17Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
March 13, 2013   |  FINAL DATASHEET
13
IR3535 
Synchronous Buck Converter Driver 
METAL AND COMPONENT PLACEMENT 
• Lead land width should be equal to nominal part 
lead width.  The minimum lead to lead spacing 
should be ≥ 0.2mm to minimize prevent shorting. 
• Lead land length should be equal to maximum  
part lead length + 0.3 mm outboard extension  
+ 0.05mm inboard extension. The outboard 
extension ensures a large and inspectable toe fillet, 
and the inboard extension will accommodate any 
part misalignment and ensure a fillet. 
• Center pad land length and width should be equal 
to maximum part pad length and width.  However, 
the minimum metal to metal spacing should be ≥ 
0.17mm for 2 oz. Copper (≥ 0.1mm for 1 oz. Copper 
and ≥ 0.23mm for 3 oz. Copper) 
• Four 0.30mm diameter vias shall be placed in the 
center of the pad land and connected to ground to 
minimize the noise effect on the IC. 
• No PCB traces should routed nor Vias placed under 
any of the 4 corners of the IC package. Doing so 
can cause the IC to raise up from the pcb resulting 
in poor solder joints to the IC leads. 
 
Figure 11: Metal and component placement 
* Contact International Rectifier to receive an electronic PCB Library file in your preferred format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com