Electronic Components Datasheet Search
  English  ▼

X  

IR3552 Datasheet(PDF) 4 Page - International Rectifier

Part # IR3552
Description  40A Integrated PowIRstage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3552 Datasheet(HTML) 4 Page - International Rectifier

  IR3552 Datasheet HTML 1Page - International Rectifier IR3552 Datasheet HTML 2Page - International Rectifier IR3552 Datasheet HTML 3Page - International Rectifier IR3552 Datasheet HTML 4Page - International Rectifier IR3552 Datasheet HTML 5Page - International Rectifier IR3552 Datasheet HTML 6Page - International Rectifier IR3552 Datasheet HTML 7Page - International Rectifier IR3552 Datasheet HTML 8Page - International Rectifier IR3552 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
IR3552
40A Integrated PowIRstage
®
www.irf.com | © 2014 International Rectifier
February 19, 2014 | FINAL
4
PIN DESCRIPTIONS
PIN #
PIN NAME
PIN DESCRIPTION
1
VCC
Connect this pin to a +5V bias supply. Place a 0.1uF high quality low ESR ceramic
capacitor from this pin to the LGND pin.
2
VDRV
Connect this pin to a separate supply voltage between 5V and 12V to vary the drive
voltage on both control and synchronous MOSFETs. Place a 1uF high quality low ESR
ceramic capacitor from this pin to GND. Note that on the control MOSFET, the gate drive
voltage is VDRV less the bootstrap diode voltage drop.
3
BOOST
Floating bootstrap supply pin for the upper gate drive. Connect the bootstrap capacitor
between this pin and the SW pin. The bootstrap capacitor provides the charge to turn on
the control MOSFET. Connect a 0.22uF capacitor from BOOST to SW pin.
4, 12, 13, 24
PGND
High current power ground. Note all pads are internally connected in the package. Provide
low resistance connections to the ground plane and respective output capacitors.
5, 25
GATEL
Gate connection of the synchronous MOSFET.
6-11
SW
High current switch node output.
14-16
VIN
High current input supply pads. Provide low resistance connections to the supply rail.
Ensure proper bypass capacitor values and layouts to the PGND pads.
17
VIN_DIV
Output containing divided VIN analog information, (VIN-LGND)/14 with respect to LGND.
The internal resistor divider is disconnected from VIN when EN is low. An active pull-down
is provided for phase fault communication.
18
TFAULT
Over temperature fault output. TFAULT will pull to 3.3V when the driver exceeds 150ºC
and will remain high until 130ºC. It
has a 25kΩ pull-down resistor to ground.
19
NC
No Connect.
20
EN
Enable input. Grounding EN places the device in low quiescent mode.
It has a 500kΩ pull-
down resistor to ground.
21
LGND
Bias and reference ground. All control signals are referenced to this pin.
22
PWM
The PWM signal is the control input for the first driver from either an IR ATL compatible
source or an industry standard Tristate PWM source. Connect this pin to the PWM output
of the controller.
23
MODE
The MODE pin is used to select between IR ATL mode PWM or standard tristate PWM
inputs. It should be tied to LGND or VCC and is sensed at EN enable rising edge or when
VCC UVLO is cleared. High = IR ATL mode, and Low = Standard tristate 3.3V and 5V TTL
level PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com