Electronic Components Datasheet Search
  English  ▼

X  

IR3552 Datasheet(PDF) 7 Page - International Rectifier

Part # IR3552
Description  40A Integrated PowIRstage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3552 Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3552 Datasheet HTML 3Page - International Rectifier IR3552 Datasheet HTML 4Page - International Rectifier IR3552 Datasheet HTML 5Page - International Rectifier IR3552 Datasheet HTML 6Page - International Rectifier IR3552 Datasheet HTML 7Page - International Rectifier IR3552 Datasheet HTML 8Page - International Rectifier IR3552 Datasheet HTML 9Page - International Rectifier IR3552 Datasheet HTML 10Page - International Rectifier IR3552 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
IR3552
40A Integrated PowIRstage
®
www.irf.com | © 2014 International Rectifier
February 19, 2014 | FINAL
7
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
PWM Input Current High
IC_PWMhigh
VPWM = 2.7V
-
-1
-
mA
Minimum Recognized PWM Pulse Width
MinPWM
IR ATL and Tri-State Modes
-
20
-
ns
VINDIV
Divider Ratio
VDIV
(VIN-LGND)/VINDIV
-
14
-
V/V
VINDIV Total Divider Resistance
RVINDIV
-
462
-
kΩ
Fault Pull Down Resistance
VIN_DIVfault
-
300
-
ohm
Enable Input – EN
Input Voltage High
VEN_H
1.15
2
2.7
V
Input Voltage Low
VEN_L
0.54
0.8
1.2
V
Input Resistance
REN
Referenced To LGND
-
500
-
kΩ
Thermal Warning - TFAULT Output
Over Temperature Threshold
OT
-
150
-
°C
Over Temperature Hysteresis
OTHYS
-
-20
-
°C
TFAULT Source Current
V(TFAULT)=2.4V
0.45
1.5
5
mA
TFAULT Output High Voltage
2.4
3.2
3.6
V
Input Resistance
RTFLT
Referenced To LGND
-
25
-
kΩ
Bootstrap Diode
Forward Voltage
BDFV
I(BOOST) = 35mA
-
595
-
mV
VCC & VDRV Under Voltage Lockout
VCC Rising Threshold for POR
VccRise
-
3.90
4.20
V
VCC Falling Threshold for POR
VccFall
-
3.40
-
V
VDRV Rising Threshold for POR
VdrvRise
-
3.80
4.20
V
VDRV Falling Threshold for POR
VdrvFall
-
3.35
-
V
General
Supply Bias Current Off
IVCC + IVDRV
EN=0V
-
0.6
5
uA
VDRV Supply Bias Current
Idrv400k
fPWM = 400kHz, 10% Duty
Cycle, VDRV=5V
-
12.5
-
mA
Idrv5V
PWM Float
-
85
-
uA
Idrv12V
PWM Float
-
140
-
uA
VCC Supply Bias Current
IvccAtl
ATL PWM Mode, PWM
Float
0.2
0.48
1.2
mA
IvccTri
Tri-state PWM Mode, PWM
Float
0.2
0.43
1.2
mA
Notes
1. Guaranteed by design but not tested in production
2. Applies to IR3552 4mm x 6mm Package on IR approved PCB layout. Controller loss and Inductor loss are not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com