Electronic Components Datasheet Search
  English  ▼

X  

IR3552 Datasheet(PDF) 5 Page - International Rectifier

Part # IR3552
Description  40A Integrated PowIRstage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3552 Datasheet(HTML) 5 Page - International Rectifier

  IR3552 Datasheet HTML 1Page - International Rectifier IR3552 Datasheet HTML 2Page - International Rectifier IR3552 Datasheet HTML 3Page - International Rectifier IR3552 Datasheet HTML 4Page - International Rectifier IR3552 Datasheet HTML 5Page - International Rectifier IR3552 Datasheet HTML 6Page - International Rectifier IR3552 Datasheet HTML 7Page - International Rectifier IR3552 Datasheet HTML 8Page - International Rectifier IR3552 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
IR3552
40A Integrated PowIRstage
®
www.irf.com | © 2014 International Rectifier
February 19, 2014 | FINAL
5
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications are not implied.
PIN Number
PIN NAME
VMAX
VMIN
ISOURCE
ISINK
1
VCC
6.5V
-0.3V
NA
10mA
2
VDRV
15V
-0.3V
NA
1A for 100ns,
100mA DC
3
BOOST
15V with respect to
SW, 35V with
respect to PGND
-0.3V with respect
to SW
1A for 100ns,
100mA DC
2A for 100ns,
100mA DC
4, 12, 13, 24
PGND
0.3V
-0.3V
20A RMS
45A RMS
5, 25
GATEL
15V with respect to
PGND
-5V for <200ns,
-0.3V DC with respect
to PGND
2A for <100ns,
200mA DC
4A for <100ns,
200mA DC
6-11
SW
25V
-5V for 100ns, 25V
for 100ns,
-0.3V DC
45A RMS
20A RMS
14-16
VIN
25V
-0.3V
10A RMS
20A RMS
17
VIN_DIV
VCC + 0.3V
-0.3V
1mA
20mA
18
TFAULT
VCC + 0.3V
-0.3V
5mA
1mA
20
EN
VCC + 0.3V
-0.3V
1mA
1mA
21
LGND
0V
0V
50mA
1mA
22
PWM
VCC + 0.3V
-0.3V
5mA
1mA
23
MODE
VCC + 0.3V
-0.3V
1mA
1mA
THERMAL INFORMATION
Thermal Resistance, Junction to Top (θ
JC_TOP)
23.3 °C/W
Thermal Resistance, Junction to PCB (Pin 1
7) (θ
JB)
2.4 °C/W
Thermal Resistance (θ
JA)
1
21.7 °C/W
Maximum Operating Junction Temperature
-40°C to 150°C
Maximum Storage Temperature Range
-65°C to 150°C
ESD rating
HBM Class 1B, JESD22-A114F Standard
CDM Class III, JESD22-C101 Standard
MSL Rating
3
Reflow Temperature
260°C
Note:
1.
Thermal Resistance (θ
JA) is measured with the component mounted on a high effective thermal conductivity test board in free air.
Refer to International Rectifier Application Note AN-994 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com