Electronic Components Datasheet Search
  English  ▼

X  

IR3552 Datasheet(PDF) 12 Page - International Rectifier

Part # IR3552
Description  40A Integrated PowIRstage
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3552 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR3552 Datasheet HTML 8Page - International Rectifier IR3552 Datasheet HTML 9Page - International Rectifier IR3552 Datasheet HTML 10Page - International Rectifier IR3552 Datasheet HTML 11Page - International Rectifier IR3552 Datasheet HTML 12Page - International Rectifier IR3552 Datasheet HTML 13Page - International Rectifier IR3552 Datasheet HTML 14Page - International Rectifier IR3552 Datasheet HTML 15Page - International Rectifier IR3552 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
IR3552
40A Integrated PowIRstage
®
www.irf.com | © 2014 International Rectifier
February 19, 2014 | FINAL
12
TYPICAL OPERATING CHARACTERISTICS
Circuit of Figure 3, VIN=12V, VOUT=1.2V, ƒSW
= 400kHz, L=150nH (0.29mΩ), PWM Mode, Vcc= 5V, VDRV=7V,
TAMBIENT = 25°C, no heat sink, no air flow, 8-layer PCB board of 3.7”(L) x 2.6”(W), no PWM controller loss, no
inductor loss, unless specified otherwise.
Figure 25: PWM to Switching Delay in IR ATL Mode, 10A
(Circuit of Figure 4)
Figure 26: Tristate Delay in IR ATLMode, 10A
(Circuit of Figure 4)
Figure 27: Tristate Delay in IR ATLMode, 10A
(Circuit of Figure 4)
Figure 28: Enable (EN) Delay, 0A
Figure 29: Enable (EN) Delay, 0A
Figure 30: VIN to VIN_DIV Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com