Electronic Components Datasheet Search
  English  ▼

X  

IR3553 Datasheet(PDF) 4 Page - International Rectifier

Part # IR3553
Description  40A Integrated PowIRstage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3553 Datasheet(HTML) 4 Page - International Rectifier

  IR3553 Datasheet HTML 1Page - International Rectifier IR3553 Datasheet HTML 2Page - International Rectifier IR3553 Datasheet HTML 3Page - International Rectifier IR3553 Datasheet HTML 4Page - International Rectifier IR3553 Datasheet HTML 5Page - International Rectifier IR3553 Datasheet HTML 6Page - International Rectifier IR3553 Datasheet HTML 7Page - International Rectifier IR3553 Datasheet HTML 8Page - International Rectifier IR3553 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
July 16, 2014 | DATASHEET V3.3
4
IR3553
40A Integrated PowIRstage®
PIN DESCRIPTIONS
PIN #
PIN NAME
PIN DESCRIPTION
1
CSIN-
Inverting input to the current sense amplifier. Connect to LGND if the current sense
amplifier is not used.
2
CSIN+
Non-Inverting input to the current sense amplifier. Connect to LGND if the current sense
amplifier is not used.
3
VCC
Bias voltage for control logic. Connect a minimum 1uF cap between VCC and PGND (pin
4) if current sense amplifier is used. Connect a minimum 0.22uF capacitor between VCC
and PGND (pin 4) if current sense amplifier is not used.
4, 12, 13
PGND
Power ground of MOSFET driver and the synchronous MOSFET. MOSFET driver signal is
referenced to this pin.
5, 25
GATEL
Low-side MOSFET driver pins that can be connected to a test point in order to observe
the waveform.
6 – 11
SW
Switch node of synchronous buck converter.
14 – 16
VIN
High current input voltage connection. Recommended operating range is 4.5V to 15V.
Connect at least two 10uF 1206 ceramic capacitors and a 0.22uF 0402 ceramic
capacitor. Place the capacitors as close as possible to VIN pins and PGND pins (12-13).
The 0.22uF 0402 capacitor should be on the same side of the PCB as the IR3553.
17
BOOST
Bootstrap capacitor connection. The bootstrap capacitor provides the charge to turn on
the control MOSFET. Connect a minimum 0.22µF capacitor from BOOST to SW pin. Place
the capacitor as close to BOOST pin as possible and minimize parasitic inductance of
PCB routing from the capacitor to SW pin.
18
PHSFLT#
Open drain output of the phase fault circuits. Connect to an external pull-up resistor.
Output is low when a MOSFET fault or over temperature condition is detected.
19
PWM
3.3V logic level tri-state PWM input and 7V tolerant. “High” turns the control MOSFET
on, and “Low” turns the synchronous MOSFET on. “Tri-state” turns both MOSFETs off in
Body-Braking® mode. In diode emulation mode, “Tri-state” activates internal diode
emulation control. See “PWM Tri-state Input” Section for further details about the PWM
Tri-State functions.
20
BBRK#
3.3V logic level input and 7V tolerant with internal weak pull-up to 3.3V. Logic low
disables both MOSFETs. Pull up to VCC directly or by a 4.7kΩ resistor if Body-Braking® is
not used. The second function of the BBRK# pin is to select diode emulatiom mode.
Pulling BBRK# low at least 20ns after VCC passes its UVLO threshold selects internal
diode emulation control. See “Body-Braking
® Mode” Section for further details.
21
LGND
Signal ground. Driver control logic, analog circuits and IC substrate are referenced to
this pin.
22
REFIN
Reference voltage input from the PWM controller. IOUT signal is referenced to the
voltage on this pin. Connect to LGND if the current sense amplifier is not used.
23
IOUT
Current output signal. Voltage on this pin is equal to V(REFIN) + 32.5 * [V(CSIN+) –
V(CSIN-)]. Float this pin if the current sense amplifier is not used.
24
TGND
This pin is connected to internal power and signal ground of the driver. For best
performance of the current sense amplifier, TGND must be electrically isolated from
Power Ground (PGND) and Signal Ground (LGND) in the PCB layout. Connect to PGND if
the current sense amplifier is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com