Electronic Components Datasheet Search
  English  ▼

X  

IR3553 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3553
Description  40A Integrated PowIRstage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3553 Datasheet(HTML) 1 Page - International Rectifier

  IR3553 Datasheet HTML 1Page - International Rectifier IR3553 Datasheet HTML 2Page - International Rectifier IR3553 Datasheet HTML 3Page - International Rectifier IR3553 Datasheet HTML 4Page - International Rectifier IR3553 Datasheet HTML 5Page - International Rectifier IR3553 Datasheet HTML 6Page - International Rectifier IR3553 Datasheet HTML 7Page - International Rectifier IR3553 Datasheet HTML 8Page - International Rectifier IR3553 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
July 16, 2014 | DATASHEET V3.3
1
IR3553
40A Integrated PowIRstage®
FEATURES
 Peak efficiency up to 93.2% at 1.2V
 Integrated driver, control MOSFET, synchronous
MOSFET and Schottky diode
 Input voltage (VIN) operating range up to 15V
 Output voltage range from 0.25V to Vcc-2.5V, or to
5.5V if internal current sense amplifier is not used
 Output current capability of 40A DC
 Operation up to 1.0MHz
 Integrated current sense amplifier
 VCC under voltage lockout
 Thermal flag
 Body-Braking® load transient support
 Diode-emulation high efficiency mode
 Compatible with 3.3V PWM logic and VCC tolerant
 Compliant with Intel DrMOS V4.0
 PCB footprint compatible with IR3550 and IR3551
 Efficient dual sided cooling
 Small 4mm x 6mm x 0.9mm PQFN package
 Lead free RoHS compliant package
APPLICATIONS
 Voltage Regulators for CPUs, GPUs, and DDR
memory arrays
 High current, low profile DC-DC converters
BASIC APPLICATION
SW
PWM
VIN
PGND
VCC
VCC
BOOST
VIN
VOUT
PWM
CSIN+
CSIN-
4.5V to 7V
LGND
IOUT
IOUT
BBRK#
BBRK#
REFIN
REFIN
4.5V to 15V
IR3553
PHSFLT#
PHSFLT#
Figure 1: IR3553 Basic Application Circuit
DESCRIPTION
The IR3553 integrated PowIRstage® is a synchronous buck
gate driver co-packed with a control MOSFET and a
synchronous MOSFET with integrated Schottky diode. It is
optimized internally for PCB layout, heat transfer and
driver/MOSFET timing. Custom designed gate driver and
MOSFET combination enables higher efficiency at lower
output voltages required by cutting edge CPU, GPU and
DDR memory designs.
Up
to
1.0MHz
switching
frequency
enables
high
performance transient response, allowing miniaturization
of output inductors, as well as input and output capacitors
while maintaining industry leading efficiency. The IR3553’s
superior efficiency enables smallest size and lower solution
cost. The IR3553 PCB footprint is compatible with the
IR3550 (60A) and the IR3551 (50A).
Integrated current sense amplifier achieves superior
current sense accuracy and signal to noise ratio vs. best-in-
class controller based Inductor DCR sense methods.
The IR3553 incorporates the Body- Braking® feature which
enables reduction of output capacitors. Synchronous diode
emulation mode in the IR3553 removes the zero-current
detection burden from the PWM controller and increases
system light-load efficiency.
The IR3553 is optimized specifically for CPU core power
delivery in server applications. The ability to meet the
stringent requirements of the server market also makes
the IR3553 ideally suited to powering GPU and DDR
memory designs and other high current applications.
Figure 2: Typical IR3553 Efficiency & Power Loss (See Note 2 on Page 8)
74
76
78
80
82
84
86
88
90
92
94
0
5
10
15
20
25
30
35
40
Output Current (A)
0
2
4
6
8
10
12
14
16
18
20


Similar Part No. - IR3553

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3553 IRF-IR3553 Datasheet
474Kb / 22P
40A Integrated PowIRstage짰
IR3553MPBF IRF-IR3553MPBF Datasheet
474Kb / 22P
40A Integrated PowIRstage짰
IR3553MTRPBF IRF-IR3553MTRPBF Datasheet
474Kb / 22P
40A Integrated PowIRstage짰
More results

Similar Description - IR3553

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3575 IRF-IR3575 Datasheet
900Kb / 23P
60A Exposed Top Integrated PowIRstage
IR3550 IRF-IR3550_15 Datasheet
941Kb / 22P
60A Integrated PowIRstage
IR3551 IRF-IR3551_15 Datasheet
926Kb / 22P
50A Integrated PowIRstage
IR3552 IRF-IR3552_15 Datasheet
1Mb / 23P
40A Integrated PowIRstage
IR3555 IRF-IR3555_15 Datasheet
81Kb / 1P
60A Integrated PowIRstage
IR3555A IRF-IR3555A_15 Datasheet
81Kb / 1P
60A Integrated PowIRstage
IR3556 IRF-IR3556_15 Datasheet
81Kb / 1P
50A Integrated PowIRstage
IR3557 IRF-IR3557_15 Datasheet
82Kb / 1P
40A Integrated PowIRstage
IR3558 IRF-IR3558_15 Datasheet
796Kb / 21P
45A Integrated PowIRstage
IR3742 IRF-IR3742_15 Datasheet
1Mb / 26P
20A Integrated PowIRstage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com