Electronic Components Datasheet Search
  English  ▼

X  

IR3553 Datasheet(PDF) 17 Page - International Rectifier

Part # IR3553
Description  40A Integrated PowIRstage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3553 Datasheet(HTML) 17 Page - International Rectifier

Back Button IR3553 Datasheet HTML 13Page - International Rectifier IR3553 Datasheet HTML 14Page - International Rectifier IR3553 Datasheet HTML 15Page - International Rectifier IR3553 Datasheet HTML 16Page - International Rectifier IR3553 Datasheet HTML 17Page - International Rectifier IR3553 Datasheet HTML 18Page - International Rectifier IR3553 Datasheet HTML 19Page - International Rectifier IR3553 Datasheet HTML 20Page - International Rectifier IR3553 Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
July 16, 2014 | DATASHEET V3.3
17
IR3553
40A Integrated PowIRstage®
12) Determine the case temperature with VCC = 5V, which
is +5.4° based on the dashed lines in Figure 13.
13) Determine the case temperature with L=210nH, which
is -1.8° based on the dashed lines in Figure 14.
14) Sum the case temperature adjustment from 9) to 13),
+0.6° -3.0° -0.4° +5.4° -1.8° = +0.8°. Add the delta to
the required ambient temperature in step 8), 45°C +
(+0.8°C) = 45.8°C, at which the maximum current is
reduced
to
34A
when
the
allowed
junction
temperature is 125°C, as shown in Figure 9. If only
105°C junction temperature is allowed, the required
ambient temperature is equivalent to 45.8°C + (125°C -
105°C) = 65.8°C, which indicates 29.5A maximum
current at the 45°C required ambient temperature.
INDUCTOR CURRENT SENSING CAPACITOR CCS
AND RESISTOR RCS
If the IR3553 is used with inductor DCR sensing, care must
be taken in the printed circuit board layout to make a
Kelvin connection across the inductor DCR. The DC
resistance of the inductor is utilized to sense the inductor
current. Usually the resistor RCS and capacitor CCS in parallel
with the inductor are chosen to match the time constant of
the inductor, and therefore the voltage across the
capacitor CCS represents the inductor current.
Measure the inductance L and the inductor DC resistance
RL. Pre-select the capacitor CCS and calculate RCS as follows.
CS
L
CS
C
R
L
R
INPUT CAPACITORS CVIN
At least two 10uF 1206 ceramic capacitors and one 0.22uF
0402 ceramic capacitor are recommended for decoupling
the VIN to PGND connection. The 0.22uF 0402 capacitor
should be on the same side of the PCB as the IR3553 and
next to the VIN and PGND pins. Adding additional
capacitance and use of capacitors with lower ESR and
mounted with low inductance routing will improve
efficiency and reduce overall system noise, especially in
single-phase designs or during high current operation.
BOOTSTRAP CAPACITOR CBOOST
A minimum of 0.22uF 0402 capacitor is required for the
bootstrap circuit. A high temperature 0.22uF or greater
value 0402 capacitor is recommended. It should be
mounted on the same side of the PCB as the IR3553 and as
close as possible to the BOOST pin. A low-inductance PCB
routing of the SW pin connection to the other terminal of
the bootstrap capacitor is required to minimize the ringing
between the BOOST and SW pins.
VCC DECOUPLING CAPACITOR CVCC
A 0.22uF to 1uF ceramic decoupling capacitor is required at
the VCC pin. It should be mounted on the same side of the
PCB as the IR3553 and as close as possible to the VCC and
PGND (pin 4). Low inductance routing between the VCC
capacitor and the IR3553 pins is required to minimize the
ringing between the BOOST and SW pins.
BODY-BRAKING® PIN FUNCTION
The BBRK# pin should be pulled up to VCC if the feature is
not used by the PWM controller. Use of a 4.7kΩ resistor or
a direct connection to VCC is recommended.
MOUNTING OF HEAT SINKS
Care should be taken in the mounting of heat sinks so as
not to short-circuit nearby components.
The VCC and
Bootstrap capacitors are typically mounted on the same
side of the PCB as the IR3553. The mounting height of
these capacitors must be considered when selecting their
package sizes.
HIGH OUTPUT VOLTAGE DESIGN
CONSIDERATIONS
The IR3553 is capable of creating output voltages above
the 3.3V recommended maximum output voltage as there
are no restrictions inside the IR3553 on the duty cycle
applied to the PWM pin. However if the current sense
feature is required, the common mode range of the
current sense amplifier inputs must be considered. A
violation of the current sense input common mode range
may cause unexpected IR3553 behavior. Also the output
current rating of the device will be reduced as the duty
cycle increases. In very high duty cycle applications
sufficient time must be provided for replenishment of the
Bootstrap capacitor for the control MOSFET drive.
LAYOUT EXAMPLE
Contact International Rectifier for a layout example
suitable for your specific application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com