Electronic Components Datasheet Search
  English  ▼

X  

IR3553 Datasheet(PDF) 5 Page - International Rectifier

Part # IR3553
Description  40A Integrated PowIRstage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3553 Datasheet(HTML) 5 Page - International Rectifier

  IR3553 Datasheet HTML 1Page - International Rectifier IR3553 Datasheet HTML 2Page - International Rectifier IR3553 Datasheet HTML 3Page - International Rectifier IR3553 Datasheet HTML 4Page - International Rectifier IR3553 Datasheet HTML 5Page - International Rectifier IR3553 Datasheet HTML 6Page - International Rectifier IR3553 Datasheet HTML 7Page - International Rectifier IR3553 Datasheet HTML 8Page - International Rectifier IR3553 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
July 16, 2014 | DATASHEET V3.3
5
IR3553
40A Integrated PowIRstage®
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications are not implied.
PIN Number
PIN NAME
VMAX
VMIN
ISOURCE
ISINK
1
CSIN-
VCC + 0.3V
-0.3V
1mA
1mA
2
CSIN+
VCC + 0.3V
-0.3V
1mA
1mA
3
VCC
8V
-0.3V
NA
5A for 100ns,
200mA DC
4
PGND
0.3V
-0.3V
15mA
15mA
5, 25
GATEL
VCC + 0.3V
-3V for 20ns,
-0.3V DC
1A for 100ns,
200mA DC
1A for 100ns,
200mA DC
6-11
SW
2
25V
-5V for 20ns,
-0.3V DC
45A RMS,
60A Peak
20A RMS,
25A Peak
12, 13
PGND
NA
NA
20A RMS,
25A Peak
45A RMS,
60A Peak
14-16
VIN
2
25V
-0.3V
5A RMS
15A RMS,
20A Peak
17
BOOST
1
33V
-0.3V
1A for 100ns,
100mA DC
5A for 100ns,
100mA DC
18
PHSFLT#
VCC + 0.3V
-0.3V
1mA
20mA
19
PWM
VCC + 0.3V
-0.3V
1mA
1mA
20
BBRK#
VCC + 0.3V
-0.3V
1mA
1mA
21
LGND
0.3V
-0.3V
15mA
15mA
22
REFIN
3.5V
-0.3V
1mA
1mA
23
IOUT
VCC + 0.3V
-0.3V
5mA
5mA
24
TGND
0.3V
-0.3V
NA
NA
Note:
1.
Maximum BOOST – SW = 8V.
2.
Maximum VIN – SW = 25V.
3.
All the maximum voltage ratings are referenced to PGND (Pins 12 and 13).
THERMAL INFORMATION
Thermal Resistance, Junction to Top (θJC_TOP)
23.2 °C/W
Thermal Resistance, Junction to PCB (pin 13) (θJB)
2.5 °C/W
Thermal Resistance (θJA)
1
22.2 °C/W
Maximum Operating Junction Temperature
-40 to 150°C
Maximum Storage Temperature Range
-65°C to 150°C
ESD rating
HBM Class 1B JEDEC Standard
MSL Rating
3
Reflow Temperature
260°C
Note:
1.
Thermal Resistance (θJA) is measured with the component mounted on a high effective thermal conductivity test board in free air.
Refer to International Rectifier Application Note AN-994 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com