Electronic Components Datasheet Search
  English  ▼

X  

IR3553 Datasheet(PDF) 8 Page - International Rectifier

Part # IR3553
Description  40A Integrated PowIRstage
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3553 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3553 Datasheet HTML 4Page - International Rectifier IR3553 Datasheet HTML 5Page - International Rectifier IR3553 Datasheet HTML 6Page - International Rectifier IR3553 Datasheet HTML 7Page - International Rectifier IR3553 Datasheet HTML 8Page - International Rectifier IR3553 Datasheet HTML 9Page - International Rectifier IR3553 Datasheet HTML 10Page - International Rectifier IR3553 Datasheet HTML 11Page - International Rectifier IR3553 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
July 16, 2014 | DATASHEET V3.3
8
IR3553
40A Integrated PowIRstage®
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Bootstrap Diode
Forward Voltage
VFWD
I(BOOST) = 30mA, VCC=6.8V
360
520
920
mV
VCC Under Voltage Lockout
Start Threshold
VVCC_START
3.3
3.7
4.1
V
Stop Threshold
VVCC_STOP
3.0
3.4
3.8
V
Hysteresis
VVCC_HYS
0.2
0.3
0.4
V
General
VCC Supply Current
IVCC
VCC = 4.5V to 7V
4
8
12
mA
VIN Supply Leakage Current
IVIN
VIN = 20V, 125C, V(PWM) =
Tri-State
1
µA
BOOST Supply Current
IBOOST
4.75V < V(BOOST)-V(SW) <
8V
0.5
1.5
3.0
mA
REFIN Bias Current
IREFIN
-1.5
0
1
µA
SW Floating Voltage
VSW_FLOAT
V(PWM) = Tri-State
0.2
0.4
V
SW Pull Down Resistance
RSW_PULLDOWN
BBRK# is Low or VCC = 0V
18
kΩ
Notes
1. Guaranteed by design but not tested in production
2. VIN=12V, VOUT=1.2V, ƒSW = 300kHz, L=210nH (0.2mΩ), VCC=6.8V, CIN=47uF x 4, COUT =470uF x3, 400LFM airflow, no heat sink, 25°C
ambient temperature, and 8-layer PCB of 3.7” (L) x 2.6” (W). PWM controller loss and inductor loss are not included.
3. VIN=12V, VOUT=1.2V, ƒSW = 400kHz, L=150nH (0.29mΩ), VCC=7V, CIN=47uF x 4, COUT =470uF x3, no airflow, no heat sink, 25°C ambient
temperature, and 8-layer PCB of 3.7” (L) x 2.6” (W). PWM controller loss and inductor loss are not included.
4. VIN=12V, VOUT=1.2V, ƒSW = 400kHz, L=210nH (0.2mΩ, 13mm x 13mm x 8mm), VCC=6.8V, CIN=47uF x 4, COUT =470uF x3, no heat sink,
25°C ambient temperature, 8-layer PCB of 3.7” (L) x 2.6” (W), 5ms load pulse width, 10% load duty cycle, and IR3553 junction
temperature below 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com