Electronic Components Datasheet Search
  English  ▼

X  

MAX355C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX355C/D
Description  Fault-Protected Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX355C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX355C/D Datasheet HTML 4Page - Maxim Integrated Products MAX355C/D Datasheet HTML 5Page - Maxim Integrated Products MAX355C/D Datasheet HTML 6Page - Maxim Integrated Products MAX355C/D Datasheet HTML 7Page - Maxim Integrated Products MAX355C/D Datasheet HTML 8Page - Maxim Integrated Products MAX355C/D Datasheet HTML 9Page - Maxim Integrated Products MAX355C/D Datasheet HTML 10Page - Maxim Integrated Products MAX355C/D Datasheet HTML 11Page - Maxim Integrated Products MAX355C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Fault-Protected Analog Multiplexers
8
_______________________________________________________________________________________
_________________________________Test Circuits/Timing Diagrams (continued)
+15V
VOUT
-15V
GND
V+
A1
V-
A0
A2
NO8
COM
MAX354
NO1
RS = 50Ω
VIN
EN
10nF
RL
1k
OFF ISOLATION = 20log
VOUT
VIN
10nF
+15V
VOUT
-15V
GND
V+
A1
V-
A0
A2
NO8
COM
MAX354
NO2
RG = 50Ω
VIN
EN
10nF
RL
1k
CROSSTALK = 20log
VOUT
VIN
10nF
NO1
R = 1k
Ω
+15V
-15V
GND
V+
A2
V-
A1
A0
NO8
MAX354
CHANNEL
SELECT
NO1
COM
EN
1MHz
CAPACITANCE
ANALYZER
f = 1MHz
Figure 5. Off Isolation
Figure 6. Crosstalk
Figure 7. NO/COM Capacitance
_______________Detailed Description
Fault-Protection Circuitry
Maxim’s MAX354/MAX355 are fully fault protected for
continuous input voltages up to ±40V, whether or not
the V+ and V- power supplies are present. These
devices use a “series FET” protection scheme that not
only protects the multiplexer output from overvoltage,
but also limits the input current to sub-microamp levels.
When signal voltages exceed or are within approxi-
mately 1.5V of the supply rails, on-resistance increas-
es. This greater on-resistance limits fault currents and
output voltage, protecting sensitive circuits and com-
ponents. The protected output clamps at approximately
1.5V below the supply rails and maintains the correct
polarity. There are no glitches or polarity reversals
going into or coming out of a fault condition.
Figures 8 and 9 show how the series FET circuit protects
against overvoltage conditions. When power is off, the
gates of all three FETs are at ground. With a -25V input,
N-channel FET Q1 is turned on by the +25V gate-to-
source voltage. The P-channel device (Q2), however,
has +25V VGS and is turned off, thereby preventing the
input signal from reaching the output. If the input volt-
age is +25V, Q1 has a negative VGS, which turns it off.
Similarly, only sub-microamp leakage currents can flow
from the output back to the input, since any voltage will
turn off either Q1 or Q2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com