Electronic Components Datasheet Search
  English  ▼

X  

MAX355C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX355C/D
Description  Fault-Protected Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX355C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX355C/D Datasheet HTML 4Page - Maxim Integrated Products MAX355C/D Datasheet HTML 5Page - Maxim Integrated Products MAX355C/D Datasheet HTML 6Page - Maxim Integrated Products MAX355C/D Datasheet HTML 7Page - Maxim Integrated Products MAX355C/D Datasheet HTML 8Page - Maxim Integrated Products MAX355C/D Datasheet HTML 9Page - Maxim Integrated Products MAX355C/D Datasheet HTML 10Page - Maxim Integrated Products MAX355C/D Datasheet HTML 11Page - Maxim Integrated Products MAX355C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Fault-Protected Analog Multiplexers
______________________________________________________________________________________
11
DECODERS / DRIVERS
COM
NO1
NO2
NO3
NO4
NO5
NO6
NO7
NO8
A0
A1
A2
EN
V+
V-
GND
MAX354
A0
A1
A2
EN
ON SWITCH
X
0
0
0
0
1
1
1
1
X
0
0
1
1
0
0
1
1
X
0
1
0
1
0
1
0
1
0
1
1
1
1
1
1
1
1
NONE
1
2
3
4
5
6
7
8
LOGIC "O" VAL ≤ +0.8V, LOGIC "1" VAH ≥ +2.4V
MAX354
__________________________________________Functional Diagrams/Truth Tables
DECODERS / DRIVERS
COMA
NO1A
NO2A
NO3A
NO4A
A0
A1
EN
V+
V-
GND
MAX355
COMB
NO1B
NO2B
NO3B
NO4B
A0
A1
EN
ON SWITCH
X
0
0
1
1
X
0
1
0
1
0
1
1
1
1
NONE
1
2
3
4
LOGIC "O" VAL ≤ +0.8V, LOGIC "1" VAH ≥ +2.4V
MAX355
Table 2a. Typical Off-Isolation Rejection
Ratio
Table 2b. Typical Crosstalk Rejection Ratio
Frequency
100kHz
1MHz
One Channel Driven
100dB
80dB
Frequency
100kHz
1MHz
RL = 1.5kΩ
92dB
72dB
RL = 10kΩ
76dB
56dB
Test Conditions: Specified RL connected from OUT to ground,
EN = +5V, A0 = A1 = A2 = +5V (Channel 1 selected). 20Vp-p
at the tabulated frequency is applied to Channel 2. All other
channels are open circuited. Similar crosstalk rejection can be
observed between any two channels.
Test Conditions: VIN = 20Vp-p at the tabulated frequency,
RL = 1.5kΩ between OUT and ground, EN = 0V.
20Vp-p
VISO = 20log —————
VOUT (p-p)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com