Electronic Components Datasheet Search
  English  ▼

X  

MAX355C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX355C/D
Description  Fault-Protected Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX355C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX355C/D Datasheet HTML 1Page - Maxim Integrated Products MAX355C/D Datasheet HTML 2Page - Maxim Integrated Products MAX355C/D Datasheet HTML 3Page - Maxim Integrated Products MAX355C/D Datasheet HTML 4Page - Maxim Integrated Products MAX355C/D Datasheet HTML 5Page - Maxim Integrated Products MAX355C/D Datasheet HTML 6Page - Maxim Integrated Products MAX355C/D Datasheet HTML 7Page - Maxim Integrated Products MAX355C/D Datasheet HTML 8Page - Maxim Integrated Products MAX355C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX354/MAX355 fault-protected multiplexers
(muxes) use a series N-channel, P-channel, N-channel
structure that protects the devices from overvoltage up
to 40V beyond the supply rails during power-up, power-
down, and fault conditions. The MAX354/MAX355 also
protect sensitive circuit components against voltages
near or beyond the normal supplies.
The MAX354 single 8-channel mux and the MAX355
dual 4-channel mux protect analog signals while oper-
ating from a single 4.5V to 36V supply or ±4.5V to ±18V
dual supplies. These muxes have 350
Ω on-resistance
and can be used for demultiplexing as well as multi-
plexing. Input leakage current is less than 0.5nA at
+25°C and less than 5nA at +85°C.
All digital inputs have 0.8V and 2.4V logic thresholds,
ensuring both TTL and CMOS logic compatibility with-
out pull-up resistors. Break-before-make operation is
guaranteed and power consumption is less than
1.5mW.
________________________Applications
Data-Acquisition Systems
Industrial and Process Control
Avionics
ATE Equipment
Signal Routing
Redundant/Backup Systems
____________________________Features
o 350
Ω Max On-Resistance
o Improved 2nd Source for MAX358/MAX359 and
DG458/DG459
o Pin Compatible with ADG508F/ADG509F
o All Switches Off with Supplies Off
o On Switch Turns Off with Overvoltage
o Output Clamps at 1.5V Below Supply Rails
o 0.5nA Max Input Leakage at +25°C (5nA at +85°C)
o No Power-Up Sequencing Required
o TTL and CMOS-Logic Compatibility
______________Ordering Information
* Dice are tested at TA = +25°C only.
** Contact factory for availability.
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A1
A2
GND
V+
NO1
V-
EN
A0
TOP VIEW
MAX354
NO5
NO6
NO7
NO8
COM
NO4
NO3
NO2
DIP/SO
LOGIC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A1
GND
V+
NO1B
NO1A
V-
EN
A0
MAX355
NO2B
NO3B
NO4B
COMB
COMA
NO4A
NO3A
NO2A
DIP/SO
LOGIC
__________________________________________________________Pin Configurations
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
PART
MAX354CPE
MAX354CWE
MAX354C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
16 Wide SO
Dice*
MAX354EPE
MAX354EWE
-40°C to +85°C
-40°C to +85°C
16 Plastic DIP
16 Wide SO
MAX354MJE
-55°C to +125°C
16 CERDIP**
19-0389; Rev. 2; 9/96
MAX355CPE
MAX355CWE
MAX355C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
16 Plastic DIP
16 Wide SO
Dice*
MAX355EPE
MAX355EWE
-40°C to +85°C
-40°C to +85°C
16 Plastic DIP
16 Wide SO
MAX355MJE
-55°C to +125°C
16 CERDIP**
Fault-Protected Analog Multiplexers


Similar Part No. - MAX355C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3558 MAXIM-MAX3558 Datasheet
224Kb / 8P
Quad-Output LNA with AGC for Cable TV Applications
Rev 1; 6/06
MAX3558 MAXIM-MAX3558 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX3558CGI MAXIM-MAX3558CGI Datasheet
224Kb / 8P
Quad-Output LNA with AGC for Cable TV Applications
Rev 1; 6/06
MAX3558CTI+ MAXIM-MAX3558CTI+ Datasheet
224Kb / 8P
Quad-Output LNA with AGC for Cable TV Applications
Rev 1; 6/06
MAX3558EVKIT MAXIM-MAX3558EVKIT Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
More results

Similar Description - MAX355C/D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG438F AD-ADG438F Datasheet
127Kb / 8P
High Performance 4/8 Channel Fault-Protected Analog Multiplexers
REV.D
ADG508F AD-ADG508F Datasheet
170Kb / 12P
4/8 Channel Fault-Protected Analog Multiplexers
REV.C
logo
Maxim Integrated Produc...
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
logo
Analog Devices
ADG508FBNZ AD-ADG508FBNZ Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG439FBRZ AD-ADG439FBRZ Datasheet
323Kb / 16P
High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
ADG508FBRNZ AD-ADG508FBRNZ Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRNZ AD-ADG509FBRNZ Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG509FBRWZ-REEL AD-ADG509FBRWZ-REEL Datasheet
288Kb / 20P
8-Channel/4-Channel Fault-Protected Analog Multiplexers
Rev. F
ADG438F AD-ADG438F_15 Datasheet
323Kb / 16P
High Performance, 4-/8-Channel, Fault-Protected Analog Multiplexers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com