Electronic Components Datasheet Search
  English  ▼

X  

MAX355C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX355C/D
Description  Fault-Protected Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX355C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX355C/D Datasheet HTML 3Page - Maxim Integrated Products MAX355C/D Datasheet HTML 4Page - Maxim Integrated Products MAX355C/D Datasheet HTML 5Page - Maxim Integrated Products MAX355C/D Datasheet HTML 6Page - Maxim Integrated Products MAX355C/D Datasheet HTML 7Page - Maxim Integrated Products MAX355C/D Datasheet HTML 8Page - Maxim Integrated Products MAX355C/D Datasheet HTML 9Page - Maxim Integrated Products MAX355C/D Datasheet HTML 10Page - Maxim Integrated Products MAX355C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Fault-Protected Analog Multiplexers
_______________________________________________________________________________________
7
50%
tOPEN
tR < 20ns
tF < 20ns
+5V
+3V
0V
LOGIC
INPUT
VA
SWITCH
OUTPUT
VOUT
+15V
VOUT
-15V
GND
V+
A0
V-
A1
A2
EN
NO1–NO8
COM
+10V
50
Ω
MAX354
300
Ω
35pF
80%
+2.4V
0V
VA
VEN
_________________________________Test Circuits/Timing Diagrams (continued)
Figure 3. Break-Before-Make Interval
∆VOUT
+3V
0V
LOGIC
INPUT
VEN
+15V
VOUT
-15V
GND
V+
A1
V-
A0
A2
EN
COM
MAX354
CL = 1000nF
VOUT
NO
CHANNEL
SELECT
RS
VS
ON
OFF
OFF
∆VOUT IS THE MEASURED VOLTAGE DUE TO CHARGE TRANSFER
ERROR VCTE WHEN THE CHANNEL TURNS OFF.
VCTE = ∆VOUT x CL
VEN
Figure 4. Charge Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com