Electronic Components Datasheet Search
  English  ▼

X  

MAX355C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX355C/D
Description  Fault-Protected Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX355C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX355C/D Datasheet HTML 1Page - Maxim Integrated Products MAX355C/D Datasheet HTML 2Page - Maxim Integrated Products MAX355C/D Datasheet HTML 3Page - Maxim Integrated Products MAX355C/D Datasheet HTML 4Page - Maxim Integrated Products MAX355C/D Datasheet HTML 5Page - Maxim Integrated Products MAX355C/D Datasheet HTML 6Page - Maxim Integrated Products MAX355C/D Datasheet HTML 7Page - Maxim Integrated Products MAX355C/D Datasheet HTML 8Page - Maxim Integrated Products MAX355C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Fault-Protected Analog Multiplexers
_______________________________________________________________________________________
5
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
______________________________________________________________Pin Description
1000
0.1
-75
75 100 125
SUPPLY CURRENT vs. TEMPERATURE
100
TEMPERATURE (°C)
0
1
-50
-25
50
10
25
V+ = +15V
V- = -15V
VEN = +5V
I+ (VA_ = 0V)
I-
I+ (VA_ = 5V)
10m
10p
1n
-70
-10
10
30
50
70
FAULT CURRENT vs. FAULT VOLTAGE
1m
FAULT VOLTAGE (V)
100p
-50
100
µ
10
µ
1
µ
100m
10n
-30
V+ = V- = 0V
V+ = +15V
V- = -15V
Ground
GND
15
14
Positive Supply Voltage Input
V+
14
13
Analog Inputs—bidirectional “B” switch
NO4B–NO1B
10–13
—
Analog Inputs—bidirectional
NO8–NO5
—
9–12
Analog Outputs—bidirectional
COMA, COMB
8, 9
—
Analog Output—bidirectional
COM
—
8
Analog Inputs—bidirectional “A” switch
NO1A–NO4A
4–7
—
Analog Inputs—bidirectional
NO1–NO4
—
4–7
Negative Supply Voltage Input. Connect to GND for single-supply operation.
V-
3
3
Enable Logic Input. See truth tables.
EN
2
2
Address Logic Inputs
A0, A1
—
—
Address Logic Inputs
A0, A2, A1
1, 15, 16
FUNCTION
NAME
MAX355
MAX354
PIN
1, 16
Note: Analog inputs and outputs are electrically identical and completely interchangeable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com