Electronic Components Datasheet Search
  English  ▼

X  

MAX3752CCM Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3752CCM
Description  2.125Gbps, 3.3V Quad-Port Bypass with Repeater
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3752CCM Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3752CCM Datasheet HTML 5Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 6Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 7Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 8Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 9Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 10Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 11Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 12Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
2.125Gbps, 3.3V
Quad-Port Bypass with Repeater
_______________________________________________________________________________________
9
Cascading Port Bypass Circuits
Two or more MAX3752 quad PBCs can be cascaded by
directly connecting the OUT+ and OUT- pins of one
quad PBC to the IN+ and IN- pins of the next quad PBC.
See Typical Operating Circuit.
Interfacing to 50
Ω Systems
Figure 5 shows examples of resistive impedance trans-
forming networks that can be used to interface between
the 75
Ω input/output structure of the MAX3752 and 50Ω
systems. The characteristics of the two examples
shown can be derived by referring to Figures 3, 4, and
5. The top configuration in Figure 5 is useful in designs
where the parallel 300
Ω resistors can be placed very
close to the input/output pins of the IC. In this case, the
50
Ω transmission lines should connect directly to the
IC.
The bottom configuration in Figure 5 provides a better
impedance match than the top configuration for designs
where 75
Ω transmission lines are connected between
the input/output pins of the IC and the resistive imped-
ance transforming networks.
Neither of the two configurations in Figure 5 provides
100% efficient voltage coupling. In the top configura-
tion, the input voltage (VIN) is the same as the source
voltage (VSRC), but the output/load voltage (VOUT =
VLOAD for this case) is reduced by a factor of 0.67
because the output is loaded with an equivalent of
75
Ω. (The data sheet specification for output voltage
swing is based on a 150
Ω load.) In the bottom configu-
ration, VIN is attenuated by a factor of 0.64 from VSRC,
and VLOAD is attenuated by a factor of 0.43 from VOUT.
For example, a source voltage of 625mV will result in an
input voltage of 625mV for the top configuration, but
only 400mV for the bottom configuration. Also, a typical
output voltage swing of 1400mV into a differential 150
Ω
load will cause the corresponding load voltage to be
2.2nH
2.2nH
0.2pF
0.2pF
0.4pF
0.4pF
75
Ω
75
Ω
1k
VCC - 0.45V
ESD
STRUCTURES
DIE
VCC
PACKAGE
PARASITICS
Figure 3. MAX3752 Input Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com