Electronic Components Datasheet Search
  English  ▼

X  

MAX3752CCM Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3752CCM
Description  2.125Gbps, 3.3V Quad-Port Bypass with Repeater
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3752CCM Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3752CCM Datasheet HTML 1Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 2Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 3Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 4Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 5Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 6Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 7Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 8Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2.125Gbps, 3.3V
Quad-Port Bypass with Repeater
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS (continued)
Typical Operating Characteristics
(TA = +25°C and VCC = +3.3V, unless otherwise noted.)
100
150
125
200
175
275
250
225
300
020
10
30
40
50
60
70
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE
°(C)
REPEATER ENABLED
REPEATER DISABLED
200ps/div
100mV/div
DATA OUTPUT EYE DIAGRAM
(1.0625Gbps CJTPAT)
100ps/div
100mV/div
DATA OUTPUT EYE DIAGRAM
(2.125Gbps CJTPAT)
Note 1: Includes output currents.
Note 2: AC characteristics are guaranteed by design and characterization.
Note 3: K28.7+ Pattern: 0011 1110 00.
Note 4: Fibre Channel Random Pattern in hex (FC-RPAT): 3EB0 5C67 85D3 172C A856 D84B B6A6 65.
Note 5: Compliant Random Pattern in hex (CRPAT):
Pattern Sequence
Repetitions
3E AA 2A AA AA
6
3E AA A6 A5 A9
1
86 BA 6C64 75 D0 E8 DC A8 B4 79 49 EA A6 65
16
72 31 9A 95 AB
1
C1 6A AA 9A A6
1
Note 6: K28.5 Pattern: 0011 1110 1011 0000 0101.
Note 7: Compliant Jitter Tolerance Pattern in Hex (CJTPAT):
Pattern Sequence
Repetitions
3E AA 2A AA AA
6
3E AA A6 A5 A9
1
87 1E 38 71 E3
41
87 1E 38 70 BC 78 F4 AA AA AA
1
AA AA AA AA AA
12
AA A1 55 55 E3 87 1E 38 71 E1
1
AB 9C 96 86 E6
1
C1 6A AA 9A A6
1
Note 8: Parameter measured with 0.38UI deterministic and 0.22UI random jitter (BER = 10-12) applied to the input.
Note 9: Jitter tolerance measurement exceeds the capability of the test equipment used.
Note 10: Parameter measured with 0.1UI sinusoidal jitter at 10MHz plus 0.38UI deterministic jitter applied to the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com