Electronic Components Datasheet Search
  English  ▼

X  

MAX3752CCM Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3752CCM
Description  2.125Gbps, 3.3V Quad-Port Bypass with Repeater
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3752CCM Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3752CCM Datasheet HTML 3Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 4Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 5Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 6Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 7Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 8Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 9Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 10Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2.125Gbps, 3.3V
Quad-Port Bypass with Repeater
_______________________________________________________________________________________
7
Detailed Description
The MAX3752 quad PBC consists of an input buffer, a
clock/data recovery circuit (for optional data recovery),
four serially connected port bypass circuits, and an
output buffer (Figure 1). The circuit design is optimized
for both high-speed (2Gbps) and low-voltage (+3.3V)
operation.
Input Buffer
The input buffer provides line termination and level con-
version. It accepts a differential input voltage of 200mV
to 2200mV at the IN+ and IN- pins. Internal resistors
terminate each input to 75
Ω (150Ω total between the
two inputs), eliminating the need for external termina-
tion resistors in most applications (see Applications
Information for a suggested interface to 50
Ω systems).
Clock and Data Recovery
The purpose of the clock and data recovery (CDR) is to
improve jitter transfer performance by attenuating jitter
that may be present in the input data. The CDR can
recover data signals that are corrupted by up to 0.7UI
of high-frequency jitter (BER = 10-12). When data recov-
ery is not needed, the CDR may be disabled in order to
save power.
The input buffer drives the CDR circuit, as well as one
input of a 2:1 multiplexer. A TTL high on the CDR enable
pin (CDREN) enables the CDR and connects the CDR
data output to the port bypass circuits. The recovered
clock signal is available for test purposes at LOUT1 (the
output of the first port bypass circuit) when the clock
enable input (CLKEN) is set to a TTL high level. A TTL
low on CDREN disables the CDR and connects the
input buffer output directly to the port bypass circuits.
Port Bypass Circuits
The output of the 2:1 input multiplexer drives a cascad-
ed series of four PBCs. Each PBC consists of a differen-
tial output buffer, a differential input buffer, and a 2:1
multiplexer. The multiplexer select input (SELn) controls
which multiplexer input is connected to the multiplexer
output. A TTL low on the multiplexer select pin causes
the data signal from the previous stage to be connected
to the multiplexer output (port bypass mode). A TTL
high on the multiplexer select pin causes the data signal
from the input buffer to be connected to the multiplexer
output (port enable mode). The output of the last PBC
drives the output buffer.
Output Buffer
The output signal of the last PBC drives the differential
high-power output buffer. The output buffer drives the
output port (OUT±). Internal resistors terminate each
output to 75
Ω (150Ω total between the two outputs),
eliminating the need for external termination resistors in
most applications (see Applications Information for a
suggested interface to 50
Ω systems). The output buffer
produces a differential output voltage of 1000mV to
1600mV when driving a differential 150
Ω load.
D0 Q
D1
MAX3752
TTLIN
SEL4
D0 Q
D1
TTLIN
SEL3
D0 Q
D1
TTLIN
SEL2
D0 Q
D1
TTLIN
SEL1
IN+
IN-
VCC
GND
OUT+
OUT-
D1
Q
D0
D0 Q
D1
TTLIN
CDREN
CLKEN
TTLIN
CF
CFM
CFP
CLK
CDR
EN
LOCK
LOCKEN
DOUT
DIN
Figure 1. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com