Electronic Components Datasheet Search
  English  ▼

X  

MAX3752CCM Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3752CCM
Description  2.125Gbps, 3.3V Quad-Port Bypass with Repeater
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3752CCM Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3752CCM Datasheet HTML 1Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 2Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 3Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 4Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 5Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 6Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 7Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 8Page - Maxim Integrated Products MAX3752CCM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2.125Gbps, 3.3V
Quad-Port Bypass with Repeater
________________________________________________________________ Maxim Integrated Products
1
19-1701; Rev 2; 2/01
General Description
The MAX3752 quad-port bypass IC is designed for use
in the Fibre Channel Arbitrated Loop topology. This
device consists of four serially connected port bypass
circuits (PBCs) and a repeater that provides clock and
data recovery (CDR).
The quad-port bypass circuit allows connection of up to
four Fibre Channel L-Ports, which can each be enabled
or bypassed by controlling the PBC select inputs.
Additional quad PBCs can be cascaded for applica-
tions requiring more than four L-Ports. To reduce the
external parts count, all signal inputs and outputs have
internal termination resistors.
The MAX3752 complies with Fibre Channel jitter toler-
ance requirements and can recover data signals with up
to 0.7 unit intervals (UIs) of high-frequency jitter. When
the repeater is not needed, it can be disabled to reduce
power consumption. A fully integrated phase-locked loop
(PLL) provides a frequency lock indication and does not
need an external reference clock.
________________________Applications
2.125Gbps Fibre Channel
Fibre Channel Data Storage Systems
Storage Area Networks
Fibre Channel Hubs
Features
o Four High-Speed Data Ports
o Meets Fibre Channel Jitter Tolerance
Requirements
o Large Output Signal Swing (>1000mVp-p)
o +3.0V to +3.6V Single-Supply Voltage
o On-Chip Termination Resistors Compatible with
75
Ω Transmission Lines at All Ports
GND
LOUT4+
LOUT4-
GND
LIN4+
LIN4-
GND
GND
OUT-
OUT+
GND
LOCK
GND
LIN1-
LIN1+
GND
LOUT1-
LOUT1+
GND
GND
IN-
IN+
GND
CLKEN
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
TQFP-EP*
MAX3752
Pin Configuration
PART
TEMP. RANGE
PIN-PACKAGE
MAX3752CCM
0°C to +70
°C
48 TQFP-EP*
Ordering Information
Typical Operating Circuit appears at end of data sheet.
*EP = Exposed pad
* Exposed pad is connected to ground.
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX3752CCM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3750 MAXIM-MAX3750 Datasheet
517Kb / 6P
3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
MAX3750CEE MAXIM-MAX3750CEE Datasheet
517Kb / 6P
3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
MAX3751 MAXIM-MAX3751 Datasheet
517Kb / 6P
3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
MAX3751CEE MAXIM-MAX3751CEE Datasheet
517Kb / 6P
3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
MAX3754 MAXIM-MAX3754 Datasheet
281Kb / 13P
Dual-Rate, 1Gbps/2Gbps Fibre Channel Quad-Port Bypass ICs with Repeater
19-2098; Rev 1; 1/02
More results

Similar Description - MAX3752CCM

ManufacturerPart #DatasheetDescription
logo
Level One
LXT915 LVL1-LXT915 Datasheet
690Kb / 20P
Simple Quad Ethernet Repeater
logo
Maxim Integrated Produc...
MAX3750 MAXIM-MAX3750 Datasheet
517Kb / 6P
3.3V, 2.125Gbps/1.0625Gbps Fibre Channel Port Bypass ICs
Rev 2; 5/04
MAX3754 MAXIM-MAX3754 Datasheet
281Kb / 13P
Dual-Rate, 1Gbps/2Gbps Fibre Channel Quad-Port Bypass ICs with Repeater
19-2098; Rev 1; 1/02
MAX3770 MAXIM-MAX3770 Datasheet
564Kb / 8P
2.125Gbps/1.063Gbps, 3.3V Fibre Channel Repeaters
19-1634; Rev 0; 1/00
logo
Vitesse Semiconductor C...
VSC7124 VITESSE-VSC7124 Datasheet
128Kb / 8P
Quad Port Bypass Circuit
VSC7127 VITESSE-VSC7127 Datasheet
174Kb / 12P
Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel
logo
Agilent(Hewlett-Packard...
HDMP-0452 HP-HDMP-0452 Datasheet
273Kb / 12P
Quad Port Bypass Circuit with CDR for Fibre Channel Arbitrated Loops
HDMP-0450 HP-HDMP-0450 Datasheet
269Kb / 10P
Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
HDMP-0440 HP-HDMP-0440 Datasheet
271Kb / 10P
Quad Port Bypass Circuit for Fibre Channel Arbitrated Loops
logo
Silicom Ltd.
PE310G4BPI9 SILICOM-PE310G4BPI9 Datasheet
818Kb / 10P
Quad Port Fiber 10 Gigabit Ethernet Bypass Server Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com