Electronic Components Datasheet Search
  English  ▼

X  

MAX4178ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4178ESA
Description  330MHz, Gain of 1/Gain of @ Closed-Loop Buffers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4178ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4178ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
330MHz, Gain of +1/Gain of +2
Closed-Loop Buffers
_______________________________________________________________________________________
9
8
7
6
-2
1M
100M
1G
AND ISOLATION RESISTOR
1
0
-1
5
4
3
2
FREQUENCY (Hz)
10M
RISO = 20Ω
CL = 100pF
CL = 47pF
CL = 22pF
CL = 0pF
Figure 3b. MAX4278 Small-Signal Gain vs. Frequency with
Capacitive Load and Isolation Resistor (RISO)
20
15
10
-30
1M
100M
1G
FREQUENCY WITH CAPACITIVE LOAD
-15
-20
-25
5
0
-5
-10
FREQUENCY (Hz)
10M
RISO = 0Ω
CL = 100pF
CL = 47pF
CL = 22pF
CL = 0pF
Figure 2a. MAX4178 Small-Signal Gain vs. Frequency with
Capacitive Load
26
21
16
-24
1M
100M
1G
MAX4278 SMALL SIGNAL GAIN vs.
FREQUENCY WITH CAPACITIVE LOAD
-9
-14
-19
11
6
1
-4
FREQUENCY (Hz)
10M
RISO = 0Ω
CL = 100pF
CL = 47pF
CL = 22pF
CL = 0pF
Figure 2b. MAX4278 Small-Signal Gain vs. Frequency with
Capacitive Load
2
1
0
-8
1M
100M
1G
AND ISOLATION RESISTOR
-5
-6
-7
-1
-2
-3
-4
FREQUENCY (Hz)
10M
RISO = 20Ω
CL = 100pF
CL = 47pF
CL = 22pF
CL = 0pF
Figure 3a. MAX4178 Small-Signal Gain vs. Frequency with
Capacitive Load and Isolation Resistor (RISO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com