Electronic Components Datasheet Search
  English  ▼

X  

MAX4178ESA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4178ESA
Description  330MHz, Gain of 1/Gain of @ Closed-Loop Buffers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4178ESA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4178ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Flash ADC Preamp
The MAX4178/MAX4278’s high current-drive capability
makes them well suited for buffering the low-imped-
ance input of a high-speed flash ADC. With their low
output impedance, these buffers can drive the inputs of
the ADC with no loss of accuracy. Figure 4 shows a
preamp for digitizing video, using the 250Msps
MAX100 and the 500Msps MAX101 flash ADCs. Both of
these ADCs have a 50
Ω input resistance and a 1.2GHz
input bandwidth.
High-Performance
Video Distribution Amplifier
The MAX4278 (AV = +2) makes an excellent driver for
multiple back-terminated 75
Ω video coaxial cables
(Figure 5). The high current-output capability allows the
attachment of up to six ±2Vp-p, 150
Ω loads to the
MAX4278 at +25°C. With the output limited to ±1Vp-p,
the number of loads may double. For multiple gain-of-2
video line drivers in a single package, see the
MAX496/MAX497data sheet.
330MHz, Gain of +1/Gain of +2
Closed-Loop Buffers
10
______________________________________________________________________________________
MAX4178
MAX4278
VIDEO IN
FLASH ADC
(MAX100/MAX101)
Figure 4. Preamp for Video Digitizer
MAX4278
VIDEO IN
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
OUT1
OUT2
OUTN
Figure 5. High-Performance Video Distribution Amplifier
___________________Chip Information
TRANSISTOR COUNT: 175
SUBSTRATE CONNECTED TO VEE
_Ordering Information (continued)
PART
MAX4278EPA
MAX4278ESA
MAX4278EUA
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-
PACKAGE
8 Plastic DIP
8 SO
8 µMAX
MAX4278MJA
-55°C to +125°C 8 CERDIP
MAX4278EUK-T
-40°C to +85°C
5 SOT23
SOT
TOP MARK
–
–
–
–
ABYY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com