Electronic Components Datasheet Search
  English  ▼

X  

MAX4178ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4178ESA
Description  330MHz, Gain of 1/Gain of @ Closed-Loop Buffers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4178ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4178ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
330MHz, Gain of +1/Gain of +2
Closed-Loop Buffers
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RL = 100Ω, CL = 0pF, TA = +25°C, unless otherwise noted.)
0.00
-0.02
0.02
-0.010
0
100
100
MAX4178
DIFFERENTIAL PHASE/GAIN
-0.006
-0.008
-0.04
-0.06
IRE
IRE
0.002
0.000
-0.004
-0.002
0
RL = 150Ω
RL = 150Ω
0.00
0.01
-0.02
-0.03
-0.01
0.02
-0.006
0
100
100
MAX4278
DIFFERENTIAL PHASE/GAIN
-0.004
-0.04
-0.05
-0.06
IRE
IRE
0.002
-0.002
0.000
0
RL = 150Ω
RL = 150Ω
-20
-100
1k
10k
1M
10M
100k
100M
MAX4178 HARMONIC DISTORTION
vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
TOTAL HARMONIC DISTORTION
SECOND HARMONIC
THIRD HARMONIC
-40
-100
10k
1M
10M
100k
100M
MAX4278 HARMONIC DISTORTION
vs. FREQUENCY
-90
FREQUENCY (Hz)
-80
-70
-60
-50
2nd HARMONIC
TOTAL HARMONIC DISTORTION
3rd HARMONIC
-50
INPUT OFFSET VOLTAGE (VOS)
vs. TEMPERATURE
TEMPERATURE (˚C)
-200
-300
-100
0
100
200
300
400
-25
0
25
50
75
125
100
VIN = 0V
-30
-20
-110
-50
-70
-90
30k
100k
1M
10M
100M
POWER-SUPPLY REJECTION
vs. FREQUENCY
-100
FREQUENCY (Hz)
-80
-60
-40
MAX4278
MAX4178
1k
0.1
100k
1M
10M
100M
500M
OUTPUT IMPEDANCE
vs. FREQUENCY
1
FREQUENCY (Hz)
10
100
MAX4278
MAX4178
-50
QUIESCENT SUPPLY CURRENT (ISY)
vs. TEMPERATURE
TEMPERATURE (˚C)
2
0
4
6
8
10
12
14
-25
0
25
50
75
125
100
-50
INPUT BIAS CURRENT (IB)
vs. TEMPERATURE
TEMPERATURE (˚C)
0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
-25
0
25
50
75
125
100
VIN = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com