Electronic Components Datasheet Search
  English  ▼

X  

MAX4178ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4178ESA
Description  330MHz, Gain of 1/Gain of @ Closed-Loop Buffers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4178ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4178ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
_______________Detailed Description
The MAX4178/MAX4278 are ±5V, wide-bandwidth,
fast-settling, closed-loop buffers featuring high slew
rate, high precision, high output current, low noise, and
low differential gain and phase errors. The MAX4178,
with a -3dB bandwidth of 330MHz, is preset for unity volt-
age gain (0dB). The MAX4278 is preset for a voltage gain
of +2 (6dB) and has a 310MHz -3dB bandwidth.
These devices have a unique input stage that com-
bines the benefits of a current-mode-feedback topolo-
gy (high slew rate and low power) with those of a
traditional voltage-feedback topology. This combination
of architectures results in low input offset voltage and
bias current, and high gain precision and power-supply
rejection.
Under short-circuit conditions, the output current is typ-
ically limited to 150mA. This is low enough that a short
to ground of any duration will not cause permanent
damage to the chip. However, a short to either supply
will create double the allowable power dissipation and
may cause permanent damage if allowed to exist for
longer than approximately 10 seconds. The high out-
put-current capability is an advantage in systems that
transmit a signal to several loads. See
High-
Performance Video Distribution Amplifier in the
Applications Information section.
330MHz, Gain of +1/Gain of +2
Closed-Loop Buffers
_______________________________________________________________________________________
7
-50
OUTPUT VOLTAGE SWING
vs. TEMPERATURE
TEMPERATURE (˚C)
3.0
2.5
3.5
4.0
-25
0
25
50
75
125
100
RL =
RL = 100Ω
RL = 50Ω
-50
INPUT VOLTAGE RANGE
vs. TEMPERATURE
TEMPERATURE (˚C)
2.0
3.5
3.0
2.5
1.5
1.0
4.0
4.5
MAX4178
MAX4278
-25
0
25
50
75
125
100
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RL = 100Ω, CL = 0pF, TA = +25°C, unless otherwise noted.)
_____________________Pin Description
1
5
2
3
4
—
Output
6
Positive Power Supply.
Connect to +5V.
7
Negative Power Supply.
Connect to -5V.
4
Input
3
Ground
2
No Connection
1, 5, 8
PIN
OUT
VCC
VEE
IN
GND
N.C.
NAME
SOT23
SO/µMAX/DIP
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com