Electronic Components Datasheet Search
  English  ▼

X  

MAX4178ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4178ESA
Description  330MHz, Gain of 1/Gain of @ Closed-Loop Buffers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4178ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4178ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4178ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
330MHz, Gain of +1/Gain of +2
Closed-Loop Buffers
_______________________________________________________________________________________
5
MAX4278 LARGE-SIGNAL
PULSE RESPONSE (CL = 0pF)
TIME (10ns/div)
IN
(1V/div)
OUT
(2V/div)
GND
GND
MAX4178 SMALL-SIGNAL
PULSE RESPONSE (CL = 50pF)
TIME (20ns/div)
IN
OUT
GND
GND
MAX4178 LARGE-SIGNAL
PULSE RESPONSE (CL = 50pF)
TIME (20ns/div)
IN
OUT
GND
GND
MAX4178 SMALL-SIGNAL
PULSE RESPONSE (CL = 100pF)
TIME (20ns/div)
IN
OUT
GND
GND
MAX4178 LARGE-SIGNAL
PULSE RESPONSE (CL = 100pF)
TIME (20ns/div)
IN
OUT
GND
GND
MAX4278 SMALL-SIGNAL
PULSE RESPONSE (CL = 50pF)
TIME (20ns/div)
IN
(50mV/
div)
OUT
(100mV/
div)
GND
GND
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RL = 100Ω, CL = 0pF, TA = +25°C, unless otherwise noted.)
MAX4278 LARGE-SIGNAL
PULSE RESPONSE (CL = 50pF)
TIME (20ns/div)
IN
(1V/div)
OUT
(2V/div)
GND
GND
MAX4278 SMALL-SIGNAL
PULSE RESPONSE (CL = 100pF)
TIME (20ns/div)
IN
(50mV/
div)
OUT
(100mV/
div)
GND
GND
MAX4278 LARGE-SIGNAL
PULSE RESPONSE (CL = 100pF)
TIME (20ns/div)
IN
(1V/div)
OUT
(2V/div)
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com