Electronic Components Datasheet Search
  English  ▼

X  

MAX4382EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4382EEE
Description  Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4382EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4382EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Ultra-Small, Low-Cost, 210MHz, Single-Supply
Op Amps with Rail-to-Rail Outputs and Disable
______________________________________________________________________________________
13
1
2
3
4
5
10
9
8
7
6
VCC
OUTB
INB-
INB+
VEE
INA+
INA-
OUTA
MAX4381
µMAX-10
TOP VIEW
DISABLEB
DISABLEA
Pin Configurations (continued)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUTC
INC-
INC+
VEE
VCC
DISABLEB
DISABLEC
DISABLEA
TOP VIEW
MAX4382
INB+
INB-
OUTB
OUTA
INA-
INA+
TSSOP/SO
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
DISABLEA
OUTC
INC-
INC+
VEE
INB+
INB-
OUTB
N.C.
TOP VIEW
MAX4382
QSOP
DISABLEC
DISABLEB
INA-
VCC
INA+
OUTA
N.C.
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUTD
IND-
IND+
VEE
VCC
INA+
INA-
OUTA
TOP VIEW
MAX4383
INC+
INC-
OUTC
OUTB
INB-
INB+
SO/TSSOP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OUTA
OUTD
IND-
IND+
VEE
INC+
INC-
OUTC
N.C.
TOP VIEW
MAX4383
SO/QSOP
INA-
INA+
INB-
VCC
INB+
OUTB
N.C.
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
DISABLED
OUTD
IND-
IND+
INA+
INA-
OUTA
DISABLEA
TOP VIEW
VEE
INC+
INC-
OUTC
OUTB
INB-
INB+
VCC
12
11
9
10
DISABLEC
N.C.
N.C.
DISABLEB
MAX4384
TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com