Electronic Components Datasheet Search
  English  ▼

X  

MAX4382EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4382EEE
Description  Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4382EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4382EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Ultra-Small, Low-Cost, 210MHz, Single-Supply
Op Amps with Rail-to-Rail Outputs and Disable
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS–Single Supply
(VCC = +5V, VEE = 0, VCM = +1.5V, RL = 100
Ω to VCC/2, DISABLE_ = VCC (MAX4380/MAX4381/MAX4382/MAX4384),
VOUT = VCC/2, AVCL = +1V/V, TA = +25°C, unless otherwise noted.)
DC ELECTRICAL CHARACTERISTICS–Dual Supply (continued)
(VCC = +5V, VEE = -5V, VCM = 0, VOUT = 0, RL =
∞ to 0, DISABLE_ = VCC (MAX4380/MAX4381/MAX4382/MAX4384),
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Sinking from RL = 75
Ω to VCC
50
75
Output Current
IOUT
Sourcing into RL = 75
Ω to VEE
50
75
mA
Output Short-Circuit Current
ISC
Sinking or sourcing
±100
mA
Open-Loop Output Resistance
ROUT
8
Ω
Power-Supply Rejection Ratio
PSRR
VS =
±4.5V to ±5.5V
48
62
dB
Operating Supply Voltage
Range
VS
Guaranteed by PSRR (Note 2)
±2.25
±5.5
V
Disabled Output Resistance
ROUT(OFF)
DISABLE_ = 0, -5V
≤ VOUT ≤ 5V
27
35
k
Ω
DISABLE_ Logic-Low Threshold
VIL
VCC - 3
V
DISABLE_ Logic-High Threshold
VIH
VCC - 1.25
V
DISABLE_ Logic Input Low
Current
IIL
DISABLE_ = 0
25
µA
DISABLE_ Logic Input High
Current
IIH
DISABLE_ = VCC
10
µA
DISABLE_ = VCC
7.5
10
Quiescent Supply Current (Per
Amplifier)
IS
DISABLE_ = 0
0.45
0.8
mA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Small-Signal -3dB Bandwidth
BWSS
VOUT = 100mVp-p
210
MHz
Large-Signal -3dB Bandwidth
BWLS
VOUT = 2Vp-p
175
MHz
Small-Signal 0.1dB Gain
Flatness
BW0.1dBSS
VOUT = 100mVp-p
55
MHz
Large-Signal 0.1dB Gain
Flatness
BW0.1dBLS
VOUT = 2Vp-p
40
MHz
Slew Rate
SR
VOUT = 2V step
485
V/µs
Settling Time to 0.1%
tS
VOUT = 2V step
16
ns
Rise/Fall Time
tR , tF
VOUT = 100mVp-p
4
ns
Spurious-Free Dynamic Range
SFDR
fC = 5MHz, VOUT = 2Vp-p
-65
dBc
2nd harmonic
-65
3rd harmonic
-68
Harmonic Distortion
HD
fC = 5MHz,
VOUT = 2Vp-p
Total harmonic
-63
dBc
Two-Tone, Third-Order
Intermodulation Distortion
IP3
f1 = 4.7MHz, f2 = 4.8MHz,
VOUT = 1Vp-p
-66
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com