Electronic Components Datasheet Search
  English  ▼

X  

MAX4382EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4382EEE
Description  Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4382EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4382EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Ultra-Small, Low-Cost, 210MHz, Single-Supply
Op Amps with Rail-to-Rail Outputs and Disable
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS–Single Supply
(VCC = +5V, VEE = 0, VCM = VCC/2, VOUT = VCC/2, RL =
∞ to VCC/2, DISABLE_ = VCC (MAX4380/MAX4381/MAX4382/MAX4384),
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
Range
VS
Guaranteed by PSRR (Note 2)
4.5
11
V
Disabled Output Resistance
ROUT(OFF)
DISABLE_ = 0, 0
≤ VOUT ≤ 5V
27
35
k
Ω
DISABLE_ Logic-Low Threshold
VIL
VCC- 3
V
DISABLE_ Logic-High Threshold
VIH
VCC- 1.25
V
DISABLE_ Logic Input Low
Current
IIL
DISABLE_ = 0
25
60
µA
DISABLE_ Logic Input High
Current
IIH
DISABLE_ = VCC
10
40
µA
DISABLE_ = VCC
5.5
9
Quiescent Supply Current (Per
Amplifier)
IS
DISABLE_ = 0
0.45
0.6
mA
DC ELECTRICAL CHARACTERISTICS–Dual Supply
(VCC = +5V, VEE = -5V, VCM = 0, VOUT = 0, RL =
∞ to 0, DISABLE_ = VCC (MAX4380/MAX4381/MAX4382/MAX4384),
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Common-Mode Voltage
Range
VCM
Guaranteed by CMRR
VEE
VCC - 2.25
V
TA = +25°C
316
Input Offset Voltage
VOS
TA = TMIN to TMAX
24
mV
Input Offset Voltage Matching
MAX4381–MAX4384
1
mV
Input Offset Voltage Tempco
TCVOS
8
µV/°C
Input Bias Current
IB
8.5
25
µA
Input Offset Current
IOS
0.5
12
µA
Differential mode (-1V
≤ VIN ≤ +1V)
70
k
Ω
Input Resistance
RIN
Common mode (-5V
≤ VCM ≤ 2.75V)
3
M
Ω
Common-Mode Rejection Ratio
CMRR
VEE
≤ VCM ≤ VCC - 2.25V
70
95
dB
-4.5V
≤ VOUT ≤ +4.5V, RL = 2kΩ
50
62
-4.25V
≤ VOUT ≤ +4.25V, RL = 150Ω
48
65
Open-Loop Gain
AVOL
-4V
≤ VOUT ≤ +4V, RL = 50Ω
60
dB
VCC - VOH
0.175
0.375
RL = 2k
Ω
VOL - VEE
0.075
0.225
VCC - VOH
0.575
0.85
RL = 150
Ω
VOL - VEE
0.4
0.775
VCC - VOH
1.3
2.3
Output Voltage Swing
VOUT
RL = 75
Ω
VOL - VEE
1.3
2.45
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com