Electronic Components Datasheet Search
  English  ▼

X  

MAX4382EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4382EEE
Description  Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4382EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4382EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Ultra-Small, Low-Cost, 200MHz, Single-Supply
Op Amps with Rail-to-Rail Outputs and Disable
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0, VCM = +1.5V, AVCL = +1, RL = 100
Ω to VCC/2, TA = +25°C, unless otherwise noted.)
INPUT
50mV/div
OUTPUT
50mV/div
SMALL-SIGNAL PULSE RESPONSE
20ns/div
AVCL = +1V/V
INPUT
25mV/div
OUTPUT
50mV/div
SMALL-SIGNAL PULSE RESPONSE
20ns/div
RF = 500
Ω
AVCL = +2V/V
INPUT
10mV/div
OUTPUT
50mV/div
SMALL-SIGNAL PULSE RESPONSE
20ns/div
RF = 500
Ω
AVCL = +5V/V
INPUT
1V/div
OUTPUT
1V/div
LARGE-SIGNAL PULSE RESPONSE
20ns/div
AVCL = +1V/V
INPUT
500mV/div
OUTPUT
1V/div
LARGE-SIGNAL PULSE RESPONSE
20ns/div
RF = 500
Ω
AVCL = +2V/V
20ns/div
INPUT
200mV/div
OUTPUT
1V/div
LARGE-SIGNAL PULSE RESPONSE
RF = 500
Ω
AVCL = +5V/V
0
-10
-20
-30
-40
-50
-60
-70
-80
100k
10M
100M
1M
1G
POWER-SUPPLY REJECTION
vs. FREQUENCY
FREQUENCY (Hz)
0
0.2
0.1
0.3
0.6
0.7
0.5
0.4
0.8
0
100 150 200 250
50
300 350 400 450 500
OUTPUT VOLTAGE SWING
vs. RESISTIVE LOAD
RLOAD (
Ω)
VCC - VOH
VOL - VEE
VSUPPLY = +5V
0
0.4
0.2
0.6
1.2
1.4
1.0
0.8
1.6
0
100 150 200 250
50
300 350 400 450 500
OUTPUT VOLTAGE SWING
vs. RESISTIVE LOAD
RLOAD (
Ω)
VCC - VOH
VOL - VEE
VSUPPLY =
±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com