Electronic Components Datasheet Search
  English  ▼

X  

MAX4382EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4382EEE
Description  Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4382EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4382EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4382EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Ultra-Small, Low-Cost, 210MHz, Single-Supply
Op Amps with Rail-to-Rail Outputs and Disable
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0, VCM = +1.5V, AVCL = +1, RL = 100
Ω to VCC/2, TA = +25°C, unless otherwise noted.)
-10
-100
100k
100M
10M
1M
DISTORTION vs. FREQUENCY
-70
-90
-30
-50
0
-60
-80
-20
-40
FREQUENCY (Hz)
2ND HARMONIC
3RD HARMONIC
VOUT = 2Vp-p
AVCL = +2V/V
-10
-100
100k
100M
10M
1M
DISTORTION vs. FREQUENCY
-70
-90
-30
-50
0
-60
-80
-20
-40
FREQUENCY (Hz)
2ND HARMONIC
3RD HARMONIC
VOUT = 2Vp-p
AVCL = +5V/V
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
0400
200
600
800
1000
1200
DISTORTION vs. RESISTIVE LOAD
RLOAD (
Ω)
2ND HARMONIC
3RD HARMONIC
fO = 5MHz
VOUT = 2Vp-p
AVCL = +1V/V
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
0.5
1.0
1.5
2.0
DISTORTION vs. VOLTAGE SWING
VOLTAGE SWING (Vp-p)
fO = 5MHz
AVCL = +1V/V
3RD HARMONIC
2ND HARMONIC
0100
0100
DIFFERENTIAL GAIN AND PHASE
-0.010
0
0.005
0.015
0.025
IRE
IRE
-0.005
0.020
0.010
-0.04
0.02
0.04
0.08
0.12
0
0.10
0.06
-0.02
0
-100
100k
10M
100M
1M
1G
COMMON-MODE REJECTION
vs. FREQUENCY
FREQUENCY (Hz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0.3
-0.7
100k
1M
10M
100M
1G
LARGE-SIGNAL
GAIN FLATNESS vs. FREQUENCY
-0.5
FREQUENCY (Hz)
-0.3
-0.1
0.1
0
-0.2
-0.4
-0.6
0.2
VOUT = 2VP-P
100k
10M
1M
100M
1G
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (Hz)
100
0.01
0.1
1
10
2ND HARMONIC
3RD HARMONIC
-10
-100
100k
100M
10M
1M
DISTORTION vs. FREQUENCY
-70
-90
-30
-50
0
-60
-80
-20
-40
FREQUENCY (Hz)
VOUT = 2Vp-p
AVCL = +1V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com