Electronic Components Datasheet Search
  English  ▼

X  

MAX492C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX492C/D
Description  Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX492C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX492C/D Datasheet HTML 4Page - Maxim Integrated Products MAX492C/D Datasheet HTML 5Page - Maxim Integrated Products MAX492C/D Datasheet HTML 6Page - Maxim Integrated Products MAX492C/D Datasheet HTML 7Page - Maxim Integrated Products MAX492C/D Datasheet HTML 8Page - Maxim Integrated Products MAX492C/D Datasheet HTML 9Page - Maxim Integrated Products MAX492C/D Datasheet HTML 10Page - Maxim Integrated Products MAX492C/D Datasheet HTML 11Page - Maxim Integrated Products MAX492C/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Single/Dual/Quad, Micropower,
Single-Supply Rail-to-Rail Op Amps
8
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, VCC = 5V, VEE = 0V, unless otherwise noted.)
100
1
0.01
1
VOLTAGE-NOISE DENSITY
vs. FREQUENCY
10
FREQUENCY (kHz)
0.1
10
INPUT REFERRED
5.0
0
0.01
1
CURRENT-NOISE DENSITY
vs. FREQUENCY
1.5
FREQUENCY (kHz)
0.1
10
INPUT REFERRED
0.5
1.0
2.0
2.5
3.0
3.5
4.0
4.5
0.1
0.001
10
1000
TOTAL HARMONIC DISTORTION + NOISE
vs. FREQUENCY
0.01
FREQUENCY (Hz)
100
10,000
NO LOAD
RL = 10kΩ TO GND
AV = +1
2VP-P SIGNAL
80kHz LOWPASS FILTER
VIN
50mV/div
VOUT
50mV/div
VCC = +5V, AV = +1, RL = 10kΩ
2
µs/div
SMALL-SIGNAL TRANSIENT RESPONSE
0.1
0.001
4.0
4.2
4.7
TOTAL HARMONIC DISTORTION + NOISE
vs. PEAK-TO-PEAK SIGNAL AMPLITUDE
0.01
PEAK-TO-PEAK SIGNAL AMPLITUDE (V)
4.3
5.0
4.1
4.4 4.5 4.6
4.8 4.9
RL = 10kΩ
RL = 100kΩ
AV = +1
1kHz SINE
22kHz FILTER
RL TO GND
RL = 1kΩ
RL = 2kΩ
VIN
50mV/div
VOUT
50mV/div
VCC = +5V, AV = -1, RL = 10kΩ
2
µs/div
SMALL-SIGNAL TRANSIENT RESPONSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com