Electronic Components Datasheet Search
  English  ▼

X  

MAX492C/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX492C/D
Description  Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX492C/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX492C/D Datasheet HTML 8Page - Maxim Integrated Products MAX492C/D Datasheet HTML 9Page - Maxim Integrated Products MAX492C/D Datasheet HTML 10Page - Maxim Integrated Products MAX492C/D Datasheet HTML 11Page - Maxim Integrated Products MAX492C/D Datasheet HTML 12Page - Maxim Integrated Products MAX492C/D Datasheet HTML 13Page - Maxim Integrated Products MAX492C/D Datasheet HTML 14Page - Maxim Integrated Products MAX492C/D Datasheet HTML 15Page - Maxim Integrated Products MAX492C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Because the MAX492/MAX494/MAX495 have excellent
stability, no isolation resistor is required, except in the
most demanding applications. This is beneficial
because an isolation resistor would degrade the low-
frequency performance of the circuit.
Power-Up Settling Time
The MAX492/MAX494/MAX495 have a typical supply
current of 150µA per op amp. Although supply current is
already low, it is sometimes desirable to reduce it further
by powering down the op amp and associated ICs for
periods of time. For example, when using a MAX494 to
buffer the inputs to a multi-channel analog-to-digital con-
verter (ADC), much of the circuitry could be powered
down between data samples to increase battery life. If
samples are taken infrequently, the op amps, along with
the ADC, may be powered down most of the time.
When power is reapplied to the MAX492/MAX494/
MAX495, it takes some time for the voltages on the sup-
ply pin and the output pin of the op amp to settle.
Supply settling time depends on the supply voltage, the
value of the bypass capacitor, the output impedance of
the incoming supply, and any lead resistance or induc-
tance between components. Op amp settling time
depends primarily on the output voltage and is slew-rate
limited. With the noninverting input to a voltage follower
held at mid-supply (Figure 10), when the supply steps
from 0V to VCC, the output settles in approximately 4µs
for VCC = +3V (Figure 11a) or 10µs for VCC = +5V
(Figure 11b).
Power Supplies and Layout
The MAX492/MAX494/MAX495 operate from a single
2.7V to 6V power supply, or from dual supplies of
±1.35V to ±3V. For single-supply operation, bypass the
power supply with a 1µF capacitor in parallel with a
0.1µF ceramic capacitor. If operating from dual sup-
plies, bypass each supply to ground.
Good layout improves performance by decreasing the
amount of stray capacitance at the op amp’s inputs and
output. To decrease stray capacitance, minimize both
trace lengths and resistor leads and place external
components close to the op amp’s pins.
Rail-to-Rail Buffers
The
Typical Operating Circuit shows a MAX495 gain-of-
two buffer driving the analog input to a MAX187 12-bit
ADC. Both devices run from a single 5V supply, and the
converter’s internal reference is 4.096V. The MAX495’s
typical input offset voltage is 200µV. This results in an
error at the ADC input of 400µV, or less than half of one
least significant bit (LSB). Without offset trimming, the
op amp contributes negligible error to the conversion
result.
Single/Dual/Quad, Micropower,
Single-Supply Rail-to-Rail Op Amps
14
______________________________________________________________________________________
VCC
1V/div
VOUT
500mV/div
5
µs/div
VCC
2V/div
VOUT
1V/div
5
µs/div
Figure 11b. Power-Up Settling Time (VCC = +5V)
Figure 11a. Power-Up Settling Time (VCC = +3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com