Electronic Components Datasheet Search
  English  ▼

X  

MAX492C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX492C/D
Description  Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX492C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX492C/D Datasheet HTML 8Page - Maxim Integrated Products MAX492C/D Datasheet HTML 9Page - Maxim Integrated Products MAX492C/D Datasheet HTML 10Page - Maxim Integrated Products MAX492C/D Datasheet HTML 11Page - Maxim Integrated Products MAX492C/D Datasheet HTML 12Page - Maxim Integrated Products MAX492C/D Datasheet HTML 13Page - Maxim Integrated Products MAX492C/D Datasheet HTML 14Page - Maxim Integrated Products MAX492C/D Datasheet HTML 15Page - Maxim Integrated Products MAX492C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Single/Dual/Quad, Micropower,
Single-Supply Rail-to-Rail Op Amps
12
______________________________________________________________________________________
in series with IN-, IN+, or both. Series resistors are not
recommended for amplifier applications, as they may
increase input offsets and decrease amplifier bandwidth.
Output Loading and Stability
Even with their low quiescent current of less than 150µA
per op amp, the MAX492/MAX494/MAX495 are well
suited for driving loads up to 1k
Ω while maintaining DC
accuracy. Stability while driving heavy capacitive loads
is another key advantage over comparable CMOS rail-
to-rail op amps.
In op amp circuits, driving large capacitive loads
increases the likelihood of oscillation. This is especially
true for circuits with high loop gains, such as a unity-
gain voltage follower. The output impedance and a
capacitive load form an RC network that adds a pole to
the loop response and induces phase lag. If the pole
frequency is low enough—as when driving a large
capacitive load—the circuit phase margin is degraded,
leading to either an under-damped pulse response or
oscillation.
10
µs/div
VIN
50mV/div
VOUT
50mV/div
10
µs/div
VIN
50mV/div
VOUT
50mV/div
10
µs/div
VIN
50mV/div
VOUT
50mV/div
Figure 7c. MAX492 Voltage Follower with 500pF Load—
RL = ∞
Figure 7a. MAX492 Voltage Follower with 500pF Load—
RL = 5kΩ
Figure 7b. MAX492 Voltage Follower with 500pF Load—
RL = 20kΩ
VIN
50mV/div
VOUT
50mV/div
10
µs/div
Figure 6. MAX492 Voltage Follower with 1000pF Load
(RL = ∞)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com