Electronic Components Datasheet Search
  English  ▼

X  

MAX492C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX492C/D
Description  Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX492C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX492C/D Datasheet HTML 1Page - Maxim Integrated Products MAX492C/D Datasheet HTML 2Page - Maxim Integrated Products MAX492C/D Datasheet HTML 3Page - Maxim Integrated Products MAX492C/D Datasheet HTML 4Page - Maxim Integrated Products MAX492C/D Datasheet HTML 5Page - Maxim Integrated Products MAX492C/D Datasheet HTML 6Page - Maxim Integrated Products MAX492C/D Datasheet HTML 7Page - Maxim Integrated Products MAX492C/D Datasheet HTML 8Page - Maxim Integrated Products MAX492C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Single/Dual/Quad, Micropower,
Single-Supply Rail-to-Rail Op Amps
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 6V, VEE = GND, VCM = 0V, VOUT = VCC / 2, TA = 0°C to +70°C, unless otherwise noted.)
190
VCM = VEE to VCC
VCM = VOUT = VCC / 2
VCM = VEE to VCC
VCM = VEE to VCC
VOH
VOH
VCC = 2.7V, RL = 1kΩ,
VOUT = 0.5V to 2.2V
VCC = 2.7V, RL = 100kΩ,
VOUT = 0.25V to 2.45V
VOL
VOL
VCC = 2.7V to 6V
Sourcing
RL = 1kΩ
(VEE - 0.20) ≤ VCM ≤ (VCC + 0.20)
RL = 100kΩ
CONDITIONS
Sinking
Sourcing
Sinking
76
µA
175
VEE + 0.20
Supply Current (per amplifier)
V
2.7
6.0
Operating Supply Voltage Range
92
VCC - 0.20
VEE + 0.075
VCC = 5.0V, RL = 100kΩ,
VOUT = 0.25V to 4.75V
Sourcing
Sinking
88
V
VCC - 0.075
Output Voltage Swing
(Note 1)
nA
±6
Input Offset Current
nA
±75
92
µV
±650
Input Offset Voltage
Input Bias Current
VCC = 5.0V, RL = 1kΩ,
VOUT = 0.5V to 4.5V
84
Sourcing
dB
88
Sinking
Large-Signal Voltage Gain
(Note 1)
dB
86
82
Power-Supply Rejection Ratio
96
V
VEE - 0.20
VCC + 0.20
Common-Mode Input
Voltage Range
72
UNITS
MIN
TYP
MAX
PARAMETER
µV/°C
±2
Input Offset Voltage Tempco
VCC = 2.7V
VCC = 5V
VCC = 0V to 3V step, VIN = VCC / 2, AV = +1
RL = 100kΩ, CL = 100pF
To 0.1%, 2V step
µs
degrees
5
RL = 100kΩ, CL = 100pF
Turn-On Time
RL = 100kΩ, CL = 100pF
µs
12
Time
f = 1kHz
f = 1kHz
pA/
√Hz
0.1
RL = 100kΩ, CL = 15pF
Input Noise-Current Density
nV/
√Hz
RL = 10kΩ, CL = 15pF, VOUT = 2Vp-p, AV = +1, f = 1kHz
25
Input Noise-Voltage Density
CONDITIONS
60
Phase Margin
f = 1kHz
dB
125
Amp-Amp Isolation
dB
10
kHz
500
Gain-Bandwidth Product
Gain Margin
V/µs
0.20
Slew Rate
%
0.003
Total Harmonic Distortion
UNITS
MIN
TYP
MAX
PARAMETER
AC ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 6V, VEE = GND, TA = +25°C, unless otherwise noted.)
Common-Mode Rejection Ratio
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com