Electronic Components Datasheet Search
  English  ▼

X  

MAX492C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX492C/D
Description  Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX492C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX492C/D Datasheet HTML 3Page - Maxim Integrated Products MAX492C/D Datasheet HTML 4Page - Maxim Integrated Products MAX492C/D Datasheet HTML 5Page - Maxim Integrated Products MAX492C/D Datasheet HTML 6Page - Maxim Integrated Products MAX492C/D Datasheet HTML 7Page - Maxim Integrated Products MAX492C/D Datasheet HTML 8Page - Maxim Integrated Products MAX492C/D Datasheet HTML 9Page - Maxim Integrated Products MAX492C/D Datasheet HTML 10Page - Maxim Integrated Products MAX492C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Single/Dual/Quad, Micropower,
Single-Supply Rail-to-Rail Op Amps
_______________________________________________________________________________________
7
120
110
70
200
90
VCC - VOUT (mV)
500
100
80
60
50
0
100
300
400
600
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
RL = 1kΩ
RL = 10kΩ
RL = 100kΩ
RL = 1MΩ
VCC = +6V
RL TO VEE
120
110
70
200
90
VCC - VOUT (mV)
500
100
80
60
50
0
100
300
400
600
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
RL = 1kΩ
RL = 10kΩ
RL = 100kΩ
RL = 1MΩ
VCC = +2.7V
RL TO VEE
120
80
-60
-20
60
140
LARGE-SIGNAL GAIN
vs. TEMPERATURE
90
110
TEMPERATURE (
°C)
20
100
100
-40
0
40
80
120
85
95
105
115
RL TO VCC
RL TO VEE
RL = 1kΩ, 0.5V < VOUT < (VCC - 0.5V)
VCC = +2.7V
VCC = +6V
120
110
60
100
80
VOUT (mV)
500
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
100
90
70
50
0
200
300
400
600
RL = 1MΩ
RL = 100kΩ
RL = 10kΩ
RL = 1kΩ
VCC = +6V
RL TO VCC
100
0
-60
140
MINIMUM OUTPUT VOLTAGE
vs. TEMPERATURE
20
80
TEMPERATURE (
°C)
080
60
40
120
140
160
180
200
220
-40 -20
20 40 60
100 120
RL TO VCC
VCC = 6V, RL = 1kΩ
VCC = 2.7V, RL = 1kΩ
VCC = 6V, RL = 100kΩ
VCC = 2.7V, RL = 100kΩ
120
110
60
100
80
VOUT (mV)
500
LARGE-SIGNAL GAIN
vs. OUTPUT VOLTAGE
100
90
70
50
0
200
300
400
600
RL = 1MΩ
RL = 100kΩ
RL = 10kΩ
RL = 1kΩ
VCC = +2.7V
RL TO VCC
120
80
-60
-20
60
140
LARGE-SIGNAL GAIN
vs. TEMPERATURE
90
110
TEMPERATURE (
°C)
20
100
100
-40
0
40
80
120
85
95
105
115
RL TO VCC
RL TO VEE
RL = 100kΩ, 0.3V < VOUT < (VCC - 0.3V)
VCC = +2.7V
VCC = +6V
100
0
-60
140
MAXIMUM OUTPUT VOLTAGE
vs. TEMPERATURE
20
80
TEMPERATURE (
°C)
080
60
40
120
140
160
180
200
-40 -20
20 40 60
100 120
RL TO VEE
VCC = 6V, RL = 1kΩ
VCC = 2.7V, RL = 1kΩ
VCC = 6V, RL = 100kΩ
VCC = 2.7V, RL = 100kΩ
1000
0.01
10
10,000
OUTPUT IMPEDANCE
vs. FREQUENCY
0.1
FREQUENCY (kHz)
1
10
100
0.1
1
100
1,000
VCM = VOUT = 2.5V
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, VCC = 5V, VEE = 0V, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com