Electronic Components Datasheet Search
  English  ▼

X  

MAX496C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX496C/D
Description  375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX496C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX496C/D Datasheet HTML 4Page - Maxim Integrated Products MAX496C/D Datasheet HTML 5Page - Maxim Integrated Products MAX496C/D Datasheet HTML 6Page - Maxim Integrated Products MAX496C/D Datasheet HTML 7Page - Maxim Integrated Products MAX496C/D Datasheet HTML 8Page - Maxim Integrated Products MAX496C/D Datasheet HTML 9Page - Maxim Integrated Products MAX496C/D Datasheet HTML 10Page - Maxim Integrated Products MAX496C/D Datasheet HTML 11Page - Maxim Integrated Products MAX496C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Total Noise
The MAX496/MAX497’s low input current noise of
2pA/
√Hz and voltage noise of 5.6nV/√Hz provide for
lower total noise compared to typical current-mode-
feedback amplifiers, which usually have significantly
higher input current noise. The input current noise mul-
tiplied by the feedback resistor is the dominant noise
source of current-mode-feedback amplifiers.
Differential Gain and Phase Errors
Differential gain and phase errors are critical specifica-
tions for a buffer in composite (NTSC, PAL, SECAM) video
applications, because these errors correspond directly to
color changes in the displayed picture of composite video
systems. The MAX496/MAX497’s ultra-low differential gain
and phase errors (0.01%/ 0.01°) make them ideal in
broadcast-quality composite video applications.
Distribution Amplifier
The circuit in Figure 3 is a one-to-four distribution amplifier
using a single MAX496 or MAX497 IC. A one-to-eight dis-
tribution amplifier can be implemented with a MAX496 or
MAX497 by driving an additional cable from each of the
four outputs. When driving more than four outputs from a
single device, see the Continuous Power Dissipation
specifications in the
Absolute Maximum Ratings.
Coaxial Cable Drivers
High-speed performance, excellent output current
capability, and an internally fixed gain of +2 make the
MAX497 ideal for driving back-terminated 50
Ω or 75Ω
coaxial cables to ±2.8V.
In a typical application, the MAX497 drives a back-ter-
minated 75
Ω video cable (Figure 1). The back-termina-
tion resistor (at the MAX497’s output) matches the
impedance of the cable’s driven end to the cable’s
impedance, to eliminate signal reflections. This, along
with the load-termination resistor, forms a voltage
divider with the load impedance, which attenuates the
signal at the cable output by one-half. The MAX497
operates with an internal +2V/V closed-loop gain to pro-
vide unity gain at the cable’s output.
Capacitive Load Driving
In most amplifier circuits, driving large capacitive loads
increases the likelihood of oscillation. This is especially
true for circuits with high loop gains, such as voltage
followers. The amplifier’s output resistance and the
capacitive load form an RC filter that adds a pole to the
loop response. If the pole frequency is low enough (as
when driving a large capacitive load), the circuit phase
margin is degraded and oscillation may occur.
375MHz Quad Closed-Loop
Video Buffers, AV = +1 and +2
10
______________________________________________________________________________________
MAX496/MAX497
MAX496/MAX497
VIN = 4Vp-p,
f = 10MHz,
RS = 75Ω
100
Ω
100
Ω
100
Ω
100
Ω
50
Ω
50
Ω
50
Ω
50
Ω
VIN = 4Vp-p,
f = 10MHz,
RS = 75Ω
100
Ω
100
Ω
100
Ω
100
Ω
50
Ω
50
Ω
50
Ω
50
Ω
a) ADJACENT CHANNEL
b) ALL-HOSTILE
Figure 4. Crosstalk: a) Adjacent Channel; b) All-Hostile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com