Electronic Components Datasheet Search
  English  ▼

X  

MAX496C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX496C/D
Description  375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX496C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX496C/D Datasheet HTML 4Page - Maxim Integrated Products MAX496C/D Datasheet HTML 5Page - Maxim Integrated Products MAX496C/D Datasheet HTML 6Page - Maxim Integrated Products MAX496C/D Datasheet HTML 7Page - Maxim Integrated Products MAX496C/D Datasheet HTML 8Page - Maxim Integrated Products MAX496C/D Datasheet HTML 9Page - Maxim Integrated Products MAX496C/D Datasheet HTML 10Page - Maxim Integrated Products MAX496C/D Datasheet HTML 11Page - Maxim Integrated Products MAX496C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
The MAX496/MAX497 drive capacitive loads up to 75pF
without sustained oscillation, although some peaking
may occur. When driving larger capacitive loads, or to
reduce peaking, add an isolation resistor (RISO) between
the output and the capacitive load (Figures 5a–5d).
Grounding and Layout
The MAX496/MAX497 bandwidths are in the RF fre-
quency range. Depending on the size of the PC board
used and the frequency of operation, it may be neces-
sary to use Micro-strip or Stripline techniques.
To realize the full AC performance of these high-speed
buffers, pay careful attention to power-supply bypassing
and board layout. The PC board should have at least two
layers (wire-wrap boards are too inductive, bread boards
are too capacitive), with one side a signal layer and the
other a large, low-impedance ground plane. With multilay-
er boards, locate the ground plane on the layer that is not
dedicated to a specific signal trace. The ground plane
should be as free from voids as possible. Connect all
ground pins to the ground plane.
Connect both positive power-supply pins together and
bypass with a 0.10µF ceramic capacitor at each power
supply pin, as close to the device as possible. Repeat
the same for the negative power-supply pins. The
capacitor lead lengths should be as short as possible
to minimize lead inductance; surface-mount chip
capacitors are ideal. A large-value (4.7µF or greater)
tantalum or electrolytic bypass capacitor on each sup-
ply may be required for high-current loads. The location
of this capacitor is not critical.
The MAX496/MAX497’s analog input pins are isolated
with ground pins to minimize parasitic coupling, which can
degrade crosstalk and/or amplifier stability. Keep signal
paths as short as possible to minimize inductance. Ensure
that all input channel traces are the same length to main-
tain the phase relationship between the four channels. To
further reduce crosstalk, connect the coaxial-cable shield
to the ground side of the 75
Ω terminating resistor at the
ground plane, and terminate all unused inputs ground and
outputs with a 100
Ω or 150Ω resistor to ground.
375MHz Quad Closed-Loop
Video Buffers, AV = +1 and +2
______________________________________________________________________________________
11
1M
10M
1G
-12
-10
-8
-6
-4
-2
0
2
4
6
8
FREQUENCY (Hz)
100M
CL = 22pF
CL = 10pF
CL = 0pF
CL = 47pF
CL = 60pF
RL = 50Ω
RISO = 0Ω
Figure 5a. MAX496 Small-Signal Gain vs. Frequency and Load
Capacitor (RL = 50Ω, RISO = 0Ω)
1M
10M
1G
-30
-25
-20
-15
-10
-5
0
5
10
15
20
FREQUENCY (Hz)
100M
CL = 10pF
CL = 0pF
CL = 47pF
CL = 68pF
RL =
RISO = 0Ω
CL = 20pF
1M
10M
1G
-30
-25
-20
-15
-10
-5
0
5
10
15
20
FREQUENCY (Hz)
100M
CL = 10pF
CL = 47pF
RL =
RISO = 20Ω
CL = 22pF
CL = 68pF
Figure 5c. MAX496 Small-Signal Gain vs. Frequency and Load
Capacitor (RL = ∞, RISO = 0Ω)
1M
10M
1G
-5
-4
-3
-2
-1
0
1
2
3
4
5
FREQUENCY (Hz)
* -3dB ATTENUATION DUE
TO RISO NOT SHOWN
100M
CL = 22pF
CL = 47pF
RL = 50Ω
RISO = 20Ω
CL = 60pF
CL = 10pF
Figure 5b. MAX496 Small-Signal Gain vs. Frequency and
Load Capacitor (RL = 50Ω, RISO = 20Ω)
Figure 5d. MAX496 Small-Signal Gain vs. Frequency and
Load Capacitor (RL = ∞, RISO = 20Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com