Electronic Components Datasheet Search
  English  ▼

X  

MAX496C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX496C/D
Description  375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX496C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX496C/D Datasheet HTML 1Page - Maxim Integrated Products MAX496C/D Datasheet HTML 2Page - Maxim Integrated Products MAX496C/D Datasheet HTML 3Page - Maxim Integrated Products MAX496C/D Datasheet HTML 4Page - Maxim Integrated Products MAX496C/D Datasheet HTML 5Page - Maxim Integrated Products MAX496C/D Datasheet HTML 6Page - Maxim Integrated Products MAX496C/D Datasheet HTML 7Page - Maxim Integrated Products MAX496C/D Datasheet HTML 8Page - Maxim Integrated Products MAX496C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
375MHz Quad Closed-Loop
Video Buffers, AV = +1 and +2
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VCC = +5V, VEE = -5V, RL = 100Ω, TA = +25°C, unless otherwise noted.)
1M
10M
1G
MAX496
SMALL-SIGNAL GAIN vs. FREQUENCY
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
FREQUENCY (Hz)
100M
MAX496
GAIN FLATNESS vs. FREQUENCY
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
FREQUENCY (Hz)
1M
10M
1G
100M
MAX496
LARGE-SIGNAL GAIN vs. FREQUENCY
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
FREQUENCY (Hz)
1M
10M
1G
100M
MAX497
SMALL-SIGNAL GAIN vs. FREQUENCY
-1
0
1
2
3
4
5
6
7
8
9
FREQUENCY (Hz)
1M
10M
1G
100M
1M
10M
1G
MAX496
SMALL-SIGNAL GAIN vs. FREQUENCY
DRIVING A 50
Ω LOAD
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
FREQUENCY (Hz)
100M
MAX497
GAIN FLATNESS vs. FREQUENCY
5.3
5.2
5.4
5.5
5.6
5.7
5.8
5.9
6.0
6.1
6.2
FREQUENCY (Hz)
1M
10M
1G
100M
SO
DIP
MAX497
LARGE-SIGNAL GAIN vs. FREQUENCY
-1
-2
0
1
2
3
4
5
6
7
8
FREQUENCY (Hz)
1M
10M
1G
100M
1M
10M
1G
MAX497
SMALL-SIGNAL GAIN vs. FREQUENCY
DRIVING A 50
Ω LOAD
-2
-1
0
1
2
3
4
5
6
7
8
FREQUENCY (Hz)
100M
0
-90
10k
1M
10M
100k
100M
TOTAL HARMONIC DISTORTION (THD)
vs. FREQUENCY
-80
-70
-60
-50
-40
-30
-20
-10
FREQUENCY (Hz)
MAX497
MAX496
VOUT = 2Vp-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com