Electronic Components Datasheet Search
  English  ▼

X  

MAX496C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX496C/D
Description  375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX496C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX496C/D Datasheet HTML 1Page - Maxim Integrated Products MAX496C/D Datasheet HTML 2Page - Maxim Integrated Products MAX496C/D Datasheet HTML 3Page - Maxim Integrated Products MAX496C/D Datasheet HTML 4Page - Maxim Integrated Products MAX496C/D Datasheet HTML 5Page - Maxim Integrated Products MAX496C/D Datasheet HTML 6Page - Maxim Integrated Products MAX496C/D Datasheet HTML 7Page - Maxim Integrated Products MAX496C/D Datasheet HTML 8Page - Maxim Integrated Products MAX496C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MAX496
GAIN MATCH vs. FREQUENCY
-0.6
-0.7
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
FREQUENCY (Hz)
1M
10M
1G
100M
CH 2–CH 1
CH 3–CH 0
CH 3–CH 1
CH 3–CH 2
CH 1–CH 0
CH 2–CH 0
375MHz Quad Closed-Loop
Video Buffers, AV = +1 and +2
_______________________________________________________________________________________
5
-10
-110
1
10
200
100
MAX496
CROSSTALK vs. FREQUENCY
-90
FREQUENCY (MHz)
-70
-50
-30
-100
-80
-60
-40
-20
ALL-HOSTILE
ADJACENT CHANNEL
-10
0
1M
1G
MAX497
CROSSTALK vs. FREQUENCY
-70
-90
-100
-30
-20
-40
-60
-80
-50
FREQUENCY (Hz)
10M
100M
ADJACENT CHANNEL
ALL-HOSTILE
-90
-100
20k
1M
10M
100k
100M
POWER-SUPPLY REJECTION (PSR)
vs. FREQUENCY
-80
-70
-60
-50
-40
-30
-20
-10
FREQUENCY (Hz)
MAX497
MAX496
MAX497
GAIN MATCH vs. FREQUENCY
-0.4
-0.5
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
FREQUENCY (Hz)
1M
10M
1G
100M
CH 2–CH 0
CH 1–CH 0
CH 3–CH 1
CH 3–CH 0
CH 3–CH 2
CH 2–CH 1
-0.30
-0.20
-0.10
0
0.10
0.20
0.30
-40
-20
0
20
40
60
80
100
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
1.000
0.990
-40
-20
0
20
40
60
80
100
MAX496
GAIN vs. TEMPERATURE
0.992
0.998
TEMPERATURE (°C)
0.996
0.994
0.991
0.993
0.999
0.997
0.995
VIN = -1.0V
VIN = -1.0V
2.05
1.95
-40
-20
0
20
40
60
80
100
MAX497
GAIN vs. TEMPERATURE
1.97
2.03
TEMPERATURE (°C)
2.01
1.99
1.96
1.98
2.04
2.02
2.00
VIN = +1.0V
VIN = -1.0V
38
40
-10
0
10
80
SUPPLY CURRENT
vs. TEMPERATURE
26
22
20
34
36
32
28
24
30
TEMPERATURE (°C)
20
30
40
50
60 70
IEE
RL = NO LOAD
ICC
_____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RL = 100Ω, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com