Electronic Components Datasheet Search
  English  ▼

X  

MAX496C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX496C/D
Description  375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX496C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX496C/D Datasheet HTML 3Page - Maxim Integrated Products MAX496C/D Datasheet HTML 4Page - Maxim Integrated Products MAX496C/D Datasheet HTML 5Page - Maxim Integrated Products MAX496C/D Datasheet HTML 6Page - Maxim Integrated Products MAX496C/D Datasheet HTML 7Page - Maxim Integrated Products MAX496C/D Datasheet HTML 8Page - Maxim Integrated Products MAX496C/D Datasheet HTML 9Page - Maxim Integrated Products MAX496C/D Datasheet HTML 10Page - Maxim Integrated Products MAX496C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
375MHz Quad Closed-Loop
Video Buffers, AV = +1 and +2
_______________________________________________________________________________________
7
-0.05
IN
0.05
0.05
OUT
-0.05
MAX496
SMALL-SIGNAL PULSE RESPONSE
(CL = 47pF
10ns/div
IN
0.50
-0.50
OUT
0.10
-0.10
MAX497
SMALL-SIGNAL PULSE RESPONSE
(CL = 47pF)
10ns/div
1.0
IN
-1.0
1.0
OUT
-1.0
MAX496
LARGE-SIGNAL PULSE RESPONSE
(CL = 47pF)
10ns/div
1.0
-1.0
IN
2.0
-2.0
OUT
MAX497
LARGE-SIGNAL PULSE RESPONSE
(CL = 47pF)
10ns/div
_____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RL = 100Ω, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com