Electronic Components Datasheet Search
  English  ▼

X  

MAX5151BEEE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5151BEEE
Description  Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5151BEEE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5151BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Low-Power, Dual, 13-Bit Voltage-Output DACs
with Serial Interface
8
_______________________________________________________________________________________
_____________________________Typical Operating Characteristics (continued)
(VDD = +5V (MAX5150), VDD = +3V (MAX5151), RL = 10kΩ, CL = 100pF, OS_ pins tied to AGND, unless otherwise noted.)
0.40
0.45
0.50
0.55
0.60
0.65
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
RL = ∞
MAX5150
MAX5151
CODE = 1FFF HEX
CODE = 0000 HEX
OUTB
200
µV/div
AC COUPLED
OUTA
5V/div
MAX5150
ANALOG CROSSTALK
VREF = 2.048V, GAIN = +2, CODE = 1FFF HEX
250
µs/div
MAX5150
DIGITAL FEEDTHROUGH
OUTA
500
µV/div
AC COUPLED
SCLK
5V/div
2.5
µs/div
5
µs/div
MAX5150
MAJOR-CARRY TRANSITION
TRANSITION FROM 1000 HEX TO 0FFF HEX
OUT_
50mV/div
AC COUPLED
2V/div
CS
MAX5150/MAX5151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com