Electronic Components Datasheet Search
  English  ▼

X  

MAX5151BEEE Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX5151BEEE
Description  Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5151BEEE Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX5151BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 13Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 14Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 15Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Bipolar Output
The MAX5150/MAX5151 can be configured for a bipo-
lar output, as shown in Figure 11. The output voltage is
given by the equation (OS_ = AGND):
VOUT = VREF [((2 x NB) / 8192) - 1]
where NB represents the numeric value of the DAC’s
binary input code. Table 3 shows digital codes and the
corresponding output voltage for Figure 11’s circuit.
Using an AC Reference
In applications where the reference has an AC signal
component, the MAX5150/MAX5151 have multiplying
capabilities within the reference input voltage range
specifications. Figure 12 shows a technique for apply-
ing a sinusoidal input to REF_, where the AC signal is
offset before being applied to REF.
Harmonic Distortion and Noise
The total harmonic distortion plus noise (THD+N) is typ-
ically less than -78dB at full scale with a 1Vp-p input
swing at 5kHz. The typical -3dB frequency is 300kHz
for both devices, as shown in the
Typical Operating
Characteristics.
Digital Calibration and
Threshold Selection
Figure 13 shows the MAX5150/MAX5151 in a digital
calibration application. With a bright light value applied
to the photodiode (on), the DAC is digitally ramped until
it trips the comparator. The microprocessor stores this
“high” calibration value. Repeat the process with a
dim light (off) to obtain the dark current calibration.
Low-Power, Dual, 13-Bit Voltage-Output DACs
with Serial Interface
14
______________________________________________________________________________________
Table 3. Bipolar Code Table
ANALOG OUTPUT
11111
1111
1111
10000
0000
0001
DAC CONTENTS
MSB
LSB
10000
0000
0000
0V
01111
1111
1111
00000
0000
0000
00000
0000
0001
+V
4095
4096
REF


+V
1
4096
REF


-V
1
4096
REF


-V
4095
4096
REF


-V
4096
4096
- V
REF
REF


=
AGND
DGND
R
R
TOLERANCES: 10k
Ω ± 0.1%
MAX5150
MAX5151
DAC _
REF_
OS_
OUT_
10k
10k
10k
10k
V-
V+
VDD
VOUT
+5V/+3V
Figure 11. Bipolar Output Circuit
DAC_
OUT
MAX5150
MAX5151
10k
26k
OS_
REF
R
R
VDD
GND
AGND
+5V/
+3V
AC
REFERENCE
INPUT
500mVp-p
MAX495
+5V/+3V
Figure 12. AC Reference Input Circuit
AGND
DIN
µP
DGND
MAX5150
MAX5151
DAC _
REF_
OS_
OUT_
R
R
V-
V+
PHOTODIODE
V+
VDD
VOUT
RPULLDOWN
+5V/+3V
Figure 13. Digital Calibration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com