Electronic Components Datasheet Search
  English  ▼

X  

MAX5151BEEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5151BEEE
Description  Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5151BEEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5151BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Low-Power, Dual, 13-Bit Voltage-Output DACs
with Serial Interface
6
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VDD = +5V, RL = 10kΩ, CL = 100pF, OS_ pins tied to AGND, unless otherwise noted.)
-20
-16
-18
-12
-14
-8
-10
-6
-2
-4
0
1
370
740
1110
1480
1850
REFERENCE VOLTAGE INPUT
FREQUENCY RESPONSE
FREQUENCY (kHz)
VREF = 0.67Vp-p @ 2.5VDC
CODE = 1FFF (HEX)
400
450
550
500
650
600
700
-55
5
-15
-35
45
25
65
105
85
125
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
VREF = 2.048V
RL = ∞
CODE = 1FFF (HEX)
CODE = 0000 (HEX)
-30
-80
1
10
100
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
-70
FREQUENCY (kHz)
-60
-50
-40
VREF = 1Vp-p @ 2.5VDC
CODE = 1FFF (HEX)
0
0.1
1
10
100
FULL-SCALE ERROR vs. LOAD
-2.5
-2.0
-3.0
-1.5
-1.0
-0.5
0.5
1.0
RL (kΩ)
VREF = 2.048V
-100
-80
-90
-60
-70
-40
-50
0.5
1.6
2.7
3.8
4.9
6.0
-30
-10
-20
0
OUTPUT FFT PLOT
VREF = 2.45Vp-p @ 1.225VDC
f = 1kHz
CODE = 1FFF (HEX)
NOTE: RELATIVE TO FULL-SCALE
FREQUENCY (kHz)
-150
-130
-140
-110
-120
-90
-100
-80
-60
-70
-50
0.5
1.5 2.0 2.5
1.0
3.0 3.5 4.0
5.0
4.5
5.5
REFERENCE FEEDTHROUGH AT 1kHz
FREQUENCY (kHz)
VREF = 3Vp-p @ 1.5VDC
f = 1kHz
CODE = 0000 (HEX)
NOTE: RELATIVE TO FULL-SCALE OUTPUT
0
1
2
3
4
5
6
-55
5
25
-15
-35
45
65
85 105 125
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VREF = 1V
DYNAMIC RESPONSE RISE TIME
MAX5150/5151 toc17
2
µs/div
OUT_
1V/div
5V/div
CS
VREF = 2.048V
2
µs/div
DYNAMIC RESPONSE FALL TIME
MAX5150/5151 toc18
VREF = 2.048V
OUT_
1V/div
5V/div
CS
MAX5150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com