Electronic Components Datasheet Search
  English  ▼

X  

MAX5151BEEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5151BEEE
Description  Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5151BEEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5151BEEE Datasheet HTML 1Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Low-Power, Dual, 13-Bit Voltage-Output DACs
with Serial Interface
_______________________________________________________________________________________
5
Note 4: Accuracy is specified from code 20 to code 8191.
Note 5: Accuracy is better than 1LSB for VOUT greater than 6mV and less than VDD - 80mV. Guaranteed by PSRR test at the end
points.
Note 6: Digital inputs are set to either VDD or DGND, code = 0000 hex, RL = ∞.
ELECTRICAL CHARACTERISTICS—MAX5151 (continued)
(VDD = +2.7V to +3.6V, VREFA = VREFB = 1.25V, RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C (OS_ pins tied to AGND for a gain of +2).)
CLOAD = 200pF
ns
120
tDO2
SCLK Fall to DOUT Valid
Propagation Delay
ns
100
tCSW
CS Pulse Width High
ns
40
tCS1
CS Rise to SCLK Rise Hold
ns
10
tCS0
SCLK Rise to CS Fall Delay
CONDITIONS
UNITS
(Note 6)
mA
0.45
0.6
IDD
Power-Supply Current
(Note 6)
µA
1
8
IDD (SHDN)
Power-Supply Current
in Shutdown
µA
MIN
TYP
MAX
0
±1
Reference Current in Shutdown
ns
100
SYMBOL
PARAMETER
tCP
SCLK Clock Period
ns
40
tCH
SCLK Pulse Width High
ns
40
tCL
SCLK Pulse Width Low
ns
40
tCSS
CS Fall to SCLK Rise
Setup Time
ns
0
tCSH
SCLK Rise to CS Rise Hold Time
ns
50
tDS
SDI Setup Time
ns
0
tDH
SDI Hold Time
CLOAD = 200pF
ns
120
tDO1
SCLK Rise to DOUT Valid
Propagation Delay
V
2.7
3.6
VDD
Positive Supply Voltage
POWER SUPPLIES
TIMING CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com