Electronic Components Datasheet Search
  English  ▼

X  

MAX5151BEEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5151BEEE
Description  Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5151BEEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5151BEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5151BEEE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
_______________Detailed Description
The MAX5150/MAX5151 dual, 13-bit, voltage-output
DACs are easily configured with a 3-wire serial inter-
face. These devices include a 16-bit data-in/data-out
shift register, and each DAC has a double-buffered
input composed of an input register and a DAC register
(see
Functional Diagram). In addition, trimmed internal
resistors produce an internal gain of +2 that maximizes
output voltage swing. The amplifier’s offset-adjust pin
allows for a DC shift in the DAC’s output.
Both DACs use an inverted R-2R ladder network that
produces a weighted voltage proportional to the input
voltage value. Each DAC has its own reference input to
facilitate independent full-scale values. Figure 1
depicts a simplified circuit diagram of one of the two
DACs.
Reference Inputs
The reference inputs accept both AC and DC values
with a voltage range extending from 0V to (VDD - 1.4V).
Determine the output voltage using the following equa-
tion (OS_ = AGND):
VOUT = (VREF x NB / 8192) x 2
where NB is the numeric value of the DAC’s binary
input code (0 to 8191) and VREF is the reference volt-
age.
The reference input impedance ranges from 14k
Ω
(1555 hex) to several giga ohms (with an input code of
0000 hex). The reference input capacitance is code
dependent and typically ranges from 15pF with an
input code of all zeros to 50pF with an input code of all
ones.
Output Amplifier
The output amplifiers on the MAX5150/MAX5151 have
internal resistors that provide for a gain of +2 when OS_
is connected to AGND. These resistors are trimmed to
minimize gain error. The output amplifiers have a typi-
cal slew rate of 0.75V/µs and settle to 1/2LSB within
16µs, with a load of 10k
Ω in parallel with 100pF. Loads
less than 2k
Ω degrade performance.
The OS_ pin can be used to produce an adjustable off-
set voltage at the output. For instance, to achieve a 1V
offset, apply -1V to the OS_ pin to produce an output
range from 1V to (1V + VREF x 2). Note that the DAC’s
output range is still limited by the maximum output volt-
age specification.
Power-Down Mode
The MAX5150/MAX5151 feature a software-program-
mable shutdown mode that reduces the typical supply
current to 2µA. The two DACs can be shutdown inde-
pendently, or simultaneously using the appropriate pro-
gramming command. Enter shutdown mode by writing
the appropriate input-control word (Table 1). In shut-
down mode, the reference inputs
and amplifier out-
Low-Power, Dual, 13-Bit Voltage-Output DACs
with Serial Interface
_______________________________________________________________________________________
9
Digital Ground
DGND
9
Serial-Data Output
DOUT
10
User-Programmable Output
UPO
11
Power-Down Lockout. The device can-
not be powered down when PDL is low.
PDL
12
Reference for DAC B
REFB
13
Clears all DACs and registers
(resets to 0).
CL
5
Chip-Select Input
CS
6
Serial-Data Input
DIN
7
Serial-Register Clock Input
SCLK
8
Reference for DAC A
REFA
4
DAC A Offset Adjustment
OSA
3
PIN
DAC A Output Voltage
OUTA
2
Analog Ground
AGND
1
FUNCTION
NAME
14
OSB
DAC B Offset Adjustment
15
OUTB
DAC B Output Voltage
16
VDD
Positive Power Supply
OUT_
OS_
R
R
SHOWN FOR ALL 1s ON DAC
D0
D10
D11
D12
2R
2R
2R
2R
2R
R
R
R
REF_
AGND
Figure 1. Simplified DAC Circuit Diagram
_____________________Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com