Electronic Components Datasheet Search
  English  ▼

X  

MAX5402 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5402
Description  256-Tap, 關PoT, Low-Drift, Digital Potentiometer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5402 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5402 Datasheet HTML 1Page - Maxim Integrated Products MAX5402 Datasheet HTML 2Page - Maxim Integrated Products MAX5402 Datasheet HTML 3Page - Maxim Integrated Products MAX5402 Datasheet HTML 4Page - Maxim Integrated Products MAX5402 Datasheet HTML 5Page - Maxim Integrated Products MAX5402 Datasheet HTML 6Page - Maxim Integrated Products MAX5402 Datasheet HTML 7Page - Maxim Integrated Products MAX5402 Datasheet HTML 8Page - Maxim Integrated Products MAX5402 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
256-Tap, µPoT, Low-Drift,
Digital Potentiometer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V, VH = VDD, VL = 0, TA = TMIN to TMAX. Typical values are at VDD = +5V, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
DIN, SCLK, CS to GND ............................................-0.3V to +6V
H, L, W to GND .............................................-0.3V to (VDD + 0.3)
Maximum Continuous Current into Pins H, L, and W ...........1mA
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 4.1mW/°C above +70°C) ............330mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE (Voltage-Divider Mode)
Resolution
N
8
Bits
Integral Nonlinearity (Notes 1, 2)
INL
±1/2
LSB
Differential Nonlinearity
(Notes 1, 2)
DNL
±1
LSB
End-to-End Resistor Tempco
TCR
35
ppm/
°C
Ratiometric Resistor Tempco
5
ppm/
°C
Full-Scale Error
-6
LSB
Zero-Scale Error
+6
LSB
DC PERFORMANCE (Variable-Resistor Mode)
Resolution
N
8
Bits
VDD = +5V
±1
LSB
Integral Nonlinearity
(Notes 1, 3)
INL
VDD = +3V
±3
LSB
VDD = +5V
±1/2
LSB
Differential Nonlinearity
(Notes 1, 3)
DNL
VDD = +3V
±1/2
LSB
DC PERFORMANCE (Resistor Characteristics)
VDD = +5V
275
Wiper Resistance (Note 4)
RW
VDD = +3V
550
Ω
Wiper Capacitance
CW
46
pF
End-to-End Resistance
RHL
7.5
10
12.5
k
Ω
DIGITAL INPUTS
Input High Voltage
VIH
0.7 ✕ VDD
V
Input Low Voltage
VIL
0.3 ✕ VDD
V
Input Leakage Current
±1.0
µA
Input Capacitance
5pF
TIMING CHARACTERISTICS (ANALOG)
Wiper-Settling Time
tS
To 50% of final value from code 0 to code 128
100
ns
TIMING CHARACTERISTICS (DIGITAL) (Note 5) (Figure 2)
SCLK Clock Period
tCP
100
ns
SCLK Pulse Width High
tCH
40
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com