Electronic Components Datasheet Search
  English  ▼

X  

MAX5402 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5402
Description  256-Tap, 關PoT, Low-Drift, Digital Potentiometer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5402 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5402 Datasheet HTML 1Page - Maxim Integrated Products MAX5402 Datasheet HTML 2Page - Maxim Integrated Products MAX5402 Datasheet HTML 3Page - Maxim Integrated Products MAX5402 Datasheet HTML 4Page - Maxim Integrated Products MAX5402 Datasheet HTML 5Page - Maxim Integrated Products MAX5402 Datasheet HTML 6Page - Maxim Integrated Products MAX5402 Datasheet HTML 7Page - Maxim Integrated Products MAX5402 Datasheet HTML 8Page - Maxim Integrated Products MAX5402 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
256-Tap, µPoT, Low-Drift,
Digital Potentiometer
________________________________________________________________________________________
5
-0.20
-0.10
-0.15
0.00
-0.05
0.05
0.10
0.15
0.20
064
96
32
128 160 192 224 256
VOLTAGE-DIVIDER INL vs. INPUT CODE
INPUT CODE (DECIMAL)
0.0
0.4
0.2
0.8
0.6
1.0
1.2
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
VDD = +5V
VDD = +3V
PIN
NAME
FUNCTION
1
L
Low Terminal of Resistor
2
GND
Ground
3
CS
Chip Select Input
4
DIN
Serial Data Input
5
SCLK
Serial Clock Input
6VDD
Power Supply. Bypass with a 0.1µF capacitor to GND.
7
W
Wiper Terminal
8
H
High Terminal of Resistor
Pin Description
200ns/div
(CODE 127 TO 128)
TAP-TO-TAP SWITCHING TRANSIENT
VW-L
+2.49V
+2.51V
+5V
0
MAX5402 toc09
CS
10
01
2
3
4
5
1
0.1
0.01
0.001
0.0001
INPUT LOGIC VOLTAGE
DIGITAL INPUT VOLTAGE (V)
VDD = +5V
VDD = +3V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com