Electronic Components Datasheet Search
  English  ▼

X  

MAX5402 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5402
Description  256-Tap, 關PoT, Low-Drift, Digital Potentiometer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5402 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5402 Datasheet HTML 1Page - Maxim Integrated Products MAX5402 Datasheet HTML 2Page - Maxim Integrated Products MAX5402 Datasheet HTML 3Page - Maxim Integrated Products MAX5402 Datasheet HTML 4Page - Maxim Integrated Products MAX5402 Datasheet HTML 5Page - Maxim Integrated Products MAX5402 Datasheet HTML 6Page - Maxim Integrated Products MAX5402 Datasheet HTML 7Page - Maxim Integrated Products MAX5402 Datasheet HTML 8Page - Maxim Integrated Products MAX5402 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
256-Tap, µPoT, Low-Drift,
Digital Potentiometer
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
100
125
150
175
200
225
250
275
300
012345
WIPER RESISTANCE
vs. WIPER VOLTAGE
WIPER VOLTAGE (V)
VDD = +3V
VDD = +5V
-0.20
-0.10
-0.15
0.00
-0.05
0.05
0.10
-40 -30 -20 -10 0 1020304050607080 90
END-TO-END RESISTANCE % CHANGE
vs. TEMPERATURE
TEMPERATURE (°C)
0
2
1
4
3
6
5
7
9
8
10
064
96
32
128 160 192 224 256
RESISTANCE vs. INPUT CODE
INPUT CODE (DECIMAL)
-0.20
-0.10
-0.15
0.05
0.00
-0.05
0.20
0.15
0.10
0.25
0
96
128
32
64
160 192 224 256
VARIABLE RESISTOR DNL
vs. INPUT CODE
INPUT CODE (DECIMAL)
-0.4
-0.3
-0.1
-0.2
0.1
0.2
0.0
0.3
064
96
32
128 160 192 224 256
VARIABLE RESISTOR INL
vs. INPUT CODE
INPUT CODE (DECIMAL)
-0.08
-0.04
-0.06
0.00
-0.02
0.02
0.04
0.06
0.08
064
96
32
128 160 192 224 256
VOLTAGE-DIVIDER DNL vs. INPUT CODE
INPUT CODE (DECIMAL)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com