Electronic Components Datasheet Search
  English  ▼

X  

MAX5402 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5402
Description  256-Tap, 關PoT, Low-Drift, Digital Potentiometer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5402 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5402 Datasheet HTML 1Page - Maxim Integrated Products MAX5402 Datasheet HTML 2Page - Maxim Integrated Products MAX5402 Datasheet HTML 3Page - Maxim Integrated Products MAX5402 Datasheet HTML 4Page - Maxim Integrated Products MAX5402 Datasheet HTML 5Page - Maxim Integrated Products MAX5402 Datasheet HTML 6Page - Maxim Integrated Products MAX5402 Datasheet HTML 7Page - Maxim Integrated Products MAX5402 Datasheet HTML 8Page - Maxim Integrated Products MAX5402 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
256-Tap, µPoT, Low-Drift,
Digital Potentiometer
________________________________________________________________________________________
3
Note 1: Linearity is defined in terms of the H-to-L code-dependent resistance.
Note 2: The DNL and INL are measured with the potentiometer configured as a voltage-divider with H = VDD and L = 0. The wiper
terminal is unloaded and measured with an ideal voltmeter.
Note 3: The DNL and INL are measured with the potentiometer configured as a variable resistor. H is unconnected and L = 0. The
wiper terminal is driven with a source current of 200µA at VDD = +3V and 400µA at VDD = +5V.
Note 4: The wiper resistance is the worst value measured, injecting a current, IW = VDD/RHL into terminal W.
Note 5: Digital timing is guaranteed by design.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCLK Pulse Width Low
tCL
40
ns
CS Fall to SCLK Rise Setup Time
tCSS
40
ns
SCLK Rise to
CS Rise Hold Time
tCSH
0ns
DIN Setup Time
tDS
40
ns
DIN Hold Time
tDH
0ns
SCLK Rise to
CS Fall Delay
tCS0
10
ns
CS Rise to SCLK Rise Hold
tCS1
40
ns
CS Pulse Width High
tCSW
100
ns
POWER SUPPLIES
Supply Voltage
VDD
2.7
5.5
V
VDD = +5V
0.8
5
µA
Supply Current
IDD
CS = SCLK =
DIN = VDD
VDD = +2.7V
0.1
µA
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V, VH = VDD, VL = 0, TA = TMIN to TMAX. Typical values are at VDD = +5V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com