Electronic Components Datasheet Search
  English  ▼

X  

MAX5404 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5404
Description  Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5404 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5404 Datasheet HTML 2Page - Maxim Integrated Products MAX5404 Datasheet HTML 3Page - Maxim Integrated Products MAX5404 Datasheet HTML 4Page - Maxim Integrated Products MAX5404 Datasheet HTML 5Page - Maxim Integrated Products MAX5404 Datasheet HTML 6Page - Maxim Integrated Products MAX5404 Datasheet HTML 7Page - Maxim Integrated Products MAX5404 Datasheet HTML 8Page - Maxim Integrated Products MAX5404 Datasheet HTML 9Page - Maxim Integrated Products MAX5404 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
of each SCLK pulse (Figure 2). After all the data bits
have been shifted in, they are latched into the appropri-
ate potentiometer control register when CS transitions
from low to high. Note that if CS is not kept low during
the entire data stream, the data will be corrupted and
the device will need to be reloaded.
The first bit A0 (address bit) is used to address one or
the other of the potentiometers for programming.
Potentiometer control register A is selected for writing
when A0 is ‘zero’, and potentiometer control register B
is selected when A0 is one.
The MAX5403/MAX5404/MAX5405 feature POR circuitry
that sets the wiper to the midscale position at power-up.
Applications Information
The MAX5403/MAX5404/MAX5405 are intended for a
variety of circuits where accurate, fine-tuning adjustable
resistance is required, such as in adjustable voltage or
adjustable gain circuit configurations. It is primarily used
in either a potentiometer divider or a variable resistor
configuration.
Adjustable Current to Voltage Converter
Figure 5 shows the MAX5403/MAX5404/MAX5405 being
used with a MAX4250 low-noise op amp to fine tune a
current to voltage converter. Pins HB and WB of the
MAX5403/MAX5404/MAX5405 3-terminal potentiometer
(only pin WA of the 2-terminal variable resistor) are con-
nected to the node between R3 and R2 (pin LX is con-
nected to ground). Circuit space is minimized due to
both devices’ packaging.
Adjustable Gain Amplifier
Figure 6 shows how to use the MAX5403/MAX5404/
MAX5405 to digitally adjust the gain of a noninverting op
amp configuration. In Figure 6a, connect the MAX5403/
MAX5404/MAX5405 as a 2-terminal variable resistor in
series with a resistor to ground to form the adjustable
gain control of a noninverting amplifier.
Similarly, Figure 6b shows how to use the MAX5403/
MAX5404/MAX5405 as a 3-terminal potentiometer. In
this application the MAX5403/MAX5404/MAX5405 low
5ppm/°C ratiometric tempco allows for a very stable
adjustable gain-configuration overtemperature.
Dual 256-Tap, Low-Drift,
Digital Potentiometers in 10-µMAX
8
_______________________________________________________________________________________
SCLK
POT REGISTER LOADED
9TH CLOCK PULSE
1ST CLOCK PULSE
DIN
TIME
A0
D7
D6
D5
D4
D3
D2
D1
D0
CS
MSB
LSB
Figure 2. Potentiometer Serial Data Timing Circuit
• • •
• • •
• • •
CS
SCLK
DIN
tCSO
tCSS
tCL
tDS
tDH
tCH
tCSH
tCSW
tCP
tCS1
Figure 3. Detailed Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com