Electronic Components Datasheet Search
  English  ▼

X  

MAX5404 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5404
Description  Dual 256-Tap, Low-Drift, Digital Potentiometers in 10-關MAX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5404 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5404 Datasheet HTML 2Page - Maxim Integrated Products MAX5404 Datasheet HTML 3Page - Maxim Integrated Products MAX5404 Datasheet HTML 4Page - Maxim Integrated Products MAX5404 Datasheet HTML 5Page - Maxim Integrated Products MAX5404 Datasheet HTML 6Page - Maxim Integrated Products MAX5404 Datasheet HTML 7Page - Maxim Integrated Products MAX5404 Datasheet HTML 8Page - Maxim Integrated Products MAX5404 Datasheet HTML 9Page - Maxim Integrated Products MAX5404 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
10
0.0001
0
1.0
0.5
2.0
3.5
5.0
4.5
SUPPLY CURRENT
vs. LOGIC INPUT VOLTAGE
0.001
0.01
0.1
1
INPUT LOGIC VOLTAGE (V)
1.5
2.5
4.0
3.0
VDD = +3V
VDD = +5V
0
0.2
0.6
0.4
0.8
1.0
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VDD = +3V
VDD = +5V
-0.25
-0.15
-0.20
0
-0.05
-0.10
0.15
0.10
0.05
0.20
-40
0
20
-20
40
60
80
END-TO-END RESISTANCE % CHANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
100k
Ω
100k
Ω
10k
Ω
50k
Ω
10k
Ω
50k
Ω
200ns/div
TAP-TO-TAP SWITCHING TRANSIENT
(CODE 127 TO 128)
VW-L
10mV/div
MAX5403 toc22
CS
5V/div
Dual 256-Tap, Low-Drift,
Digital Potentiometers in 10-µMAX
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = +5.0V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com